Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412P Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC5412P
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412P Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC5412P Datasheet HTML 15Page - STMicroelectronics STLC5412P Datasheet HTML 16Page - STMicroelectronics STLC5412P Datasheet HTML 17Page - STMicroelectronics STLC5412P Datasheet HTML 18Page - STMicroelectronics STLC5412P Datasheet HTML 19Page - STMicroelectronics STLC5412P Datasheet HTML 20Page - STMicroelectronics STLC5412P Datasheet HTML 21Page - STMicroelectronics STLC5412P Datasheet HTML 22Page - STMicroelectronics STLC5412P Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Figure 4b:
GCI interface format
Bx/Br
B1
B2
M
D
C/I A E
88
8
2
4
2
B1
B2
M
D
C/I A E
88
8
2
4
2
B1
B2
M
D
C/I A E
88
8
2
4
2
GCI CHANNEL 0
GCI CHANNEL 1
GCI CHANNEL 7
FSb
FSa
8 KHz
Bx/Br
B1
B2
M
D
C/I A E
8
8
8
242
GCI CHANNEL 0
BCLK
FSa
8 KHz
SLAVE MODE
BCLK
FREE
MASTER MODE
Figure 4b: GCI interface format.
MASTER MODE (BCLK = 1.536MHz)
STLC5412
19/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com