Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412P Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLC5412P
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412P Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLC5412P Datasheet HTML 41Page - STMicroelectronics STLC5412P Datasheet HTML 42Page - STMicroelectronics STLC5412P Datasheet HTML 43Page - STMicroelectronics STLC5412P Datasheet HTML 44Page - STMicroelectronics STLC5412P Datasheet HTML 45Page - STMicroelectronics STLC5412P Datasheet HTML 46Page - STMicroelectronics STLC5412P Datasheet HTML 47Page - STMicroelectronics STLC5412P Datasheet HTML 48Page - STMicroelectronics STLC5412P Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
RR = 1:
UID activation/deactivation complies
with
the
requirements for
repetor
equipment. ”LT” or ”NT” behaviour is
selected by means of bit NTS. BP1
and BP2 break-points should be set
equal one too. See state matrix for the
detailed behaviour of UID in this mode
of operation.
Configuration Register 3 (CR3)
After reset: 00H
LB1
LB2
LBD
DB1
DB2
DBD
TLB
T15D
LB1, LB2, LBD Line side Loopback select.
When set high they turn each individual B1, B2,
or D channel from the Line receive input to the
Line transmit output. They may be set separately
or together. The loopback is operated close to Bx
and Br (or Dx and Dr if the D port is selected).
These loop backs ensures channels integrity.
DB1, DB2, DBD Digital side Channel Loopback
select.
When set high they turn each individual B1, B2,
or D channel from the Digital Interface receive in-
put to the Digital Interface transmit output. They
may be set separately or together. The loopback
is operated close to Bx and Br (or Dx and Dr if D
port selected). These loop backs ensures chan-
nels integrity whatever the selected format or as-
signed channels time slot.
TLB Transparent Loopback select
TLB = 0: Digital loopbacks are non transparent.
When line side loopback is set, data
transmitted onto the digital interface is
forced to
one. When digital side
loopback is set, data transmitted onto
the line is forced to 1 in NT mode and
to 0 in LT mode.
TLB = 1: 2B+D
is
transparently
transferred
through the UID.
T15D Timer 15 second disabled
T15D = 0: On-chip 15 second timer (timer 4 or 5
of ANSI standard) is enabled and
ensure full reset of the activation
procedure
in
case
of
non
synchronization of the line within 15
second.
T15D = 1: On-chip 15 second timer is disabled.
This means for instance that UID may
attempt to synchronize for ever.
Configuration Register 4 (CR4)
After reset: E0H
EB1
EB2
ED
FFIT
ESFr CTLIO MOB
CTC
EB1 B1 channel Enabling
EB1 = 1: Selected B1 channel time-slot on the
DSI/GCI interface is enabled. Note that
transparency of B1 channel remains
under control of the activation state
machine and the ETC bit in CR2.
EB1 = 0: Selected B1 channel time-slot on the
DSI/GCI interface is disabled: Br output
remains in high impedance state and
data on Bx input is ignored. Ones (NT)
or zeroes (LT) are transmitted on the
line.
EB2 B2 channel Enabling Identical to EB1 bit but
for B2 channel.
ED D channel enabling identical to EB1 but for D
channel on Bx/Br pin or DX/Dr pin depending on
DEN bit in CR2 register.
FFIT FIFOs interrupt.
FFIT = 1: overflow or underflow of the TXFIFO
and RXFIFO are reported in STATUS
register. An interrupt is generated in
µW mode, a MONITOR message is
automatically sent in GCI mode.
FFIT = 0: No interrupt or message is generated
when FIFOs overflow or underflow.
ESFr Enable SFSr on pin 25 (40)
ESFr = 0: LSD output is selected on pin 25 (40).
ESFr = 1: SFSr output is selected on pin 25 (40).
CTLIO Control IO (significant in GCI mode only)
CTLIO = 1: The input pins configurated via CR5
register generate a message on
every change even if the UID is
powered down in master mode; that
is to say UID is able to wake up
itself, to provide the clocks, to sends
the message. After that UID is
automatically powered down except
if a PUP command is sent to it.
CTLIO = 0: In master mode and powered down,
the UID does not react to an input
pin change.
MOB Mask Overhead Bits.
MOB = 0: No Mask on overhead bit interrupts.
STLC5412
45/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com