Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412P Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC5412P
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412P Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC5412P Datasheet HTML 19Page - STMicroelectronics STLC5412P Datasheet HTML 20Page - STMicroelectronics STLC5412P Datasheet HTML 21Page - STMicroelectronics STLC5412P Datasheet HTML 22Page - STMicroelectronics STLC5412P Datasheet HTML 23Page - STMicroelectronics STLC5412P Datasheet HTML 24Page - STMicroelectronics STLC5412P Datasheet HTML 25Page - STMicroelectronics STLC5412P Datasheet HTML 26Page - STMicroelectronics STLC5412P Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
on Br is in the high impedance state.
A 24 ms timer is implemented in the UID. This
timer (when enabled) starts each time the sender
starts a byte sending and waits for a pre acknow-
ledgement.
C/I channel
The C/I channel is used for TXACT and RXACT
registers write and read operation. However, it is
possible to access to ACT registers by monitor
channel: this access is controled by the CID bit in
CR2 register.
The four bits code (C1,C2,C3,C4) of TXACT reg-
ister can be loaded in the UID by writing perma-
nently this code in the C/I channel time-slot on Bx
input every GCI frames. The UID takes into ac-
count the received code when it has been re-
ceived two consecutive times identical. When a
status change occurs in the RXACT register, the
new (C1,C2,C3,C4) code is sent in the C/I chan-
nel time-slot on Br output every GCI frames. This
code is sent permanently by the UID until a new
status change occurs in RXACT register.
C1 bit is sent first to the line.
LINE CODING AND FRAME FORMAT
2B1Q coding rule requires that binary data bits
are grouped in pairs so called quats (see Tab.2).
Each quat is transmitted as a symbol, the magni-
tude of which may be 1 out 4 equally spaced volt-
age levels (see Fig. 6). +3 quat refers to the
nominal pulse waveform specified in the ANSI
standard. Other quats are deduced directly with
respect of the ratio and keeping of the waveform.
The frame format used in UID follows ANSI speci-
fication (see Tab. 3 and 4). Each complete frame
consists of 120 quats, with a line baud rate of 80
kbaud, giving a frame duration of 1.5ms. A nine
quats lenght sync-word defines the framing
boundary. Furthermore, a Multiframe consisting of
8 frames is defined in order to provide sub-chan-
nels within the spare bits M1 to M6. Inversion of
the syncword defines the multiframe boundary. In
LT, the transmit multiframe starting time may be
synchronized by means of a 12 ms period of time
pulse on the SFSx pin selected as an input (bit
SFS in CR2); If SFSx is selected as an output,
SFSx provides a square wave signal with the ris-
ing edge indicating the multiframe starting time.
In NT, the transmit multiframe starting time is pro-
Figure 5: GCI Monitor channel messaging examples.
TWO BYTES MESSAGE - NORMAL TRANSMISSION
(M1)
XM1
Tx
Tx
Rx
M1
M2
M2
XX
X
1st byte
pre-ack
ack
2nd byte
pre-ack
ack
3rd byte??
pre-ack??
EOM
Ready for
Ready
for a message
(M1)
(M1)
(M2)
(M2)
(M2)
(X)
(X)
E & A BITS TIMING
TWO BYTES MESSAGE ABORTED ON THE SECOND AND RETRANSMITTED
Tx
Tx
Rx
1st byte
pre-ack
ack
2nd byte
pre-ack
abort
EOM
1st byte
pre-ack
3rd byte??
Ready for
retransmission
Ready for
a message
(M1)
(M1)
(M1)
(M2)
(M2)
(M2)
(X)
(or abort ack)
(M1)
(M1)
XM1
M1
M2
M2
X
XX
X
M1
M1
M2
Tx M
Tx E
Rx A
Tx M
Tx E
Rx A
STLC5412
23/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com