Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5412P Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC5412P
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412P Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC5412P Datasheet HTML 21Page - STMicroelectronics STLC5412P Datasheet HTML 22Page - STMicroelectronics STLC5412P Datasheet HTML 23Page - STMicroelectronics STLC5412P Datasheet HTML 24Page - STMicroelectronics STLC5412P Datasheet HTML 25Page - STMicroelectronics STLC5412P Datasheet HTML 26Page - STMicroelectronics STLC5412P Datasheet HTML 27Page - STMicroelectronics STLC5412P Datasheet HTML 28Page - STMicroelectronics STLC5412P Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
with arbitrary phase.
ELASTIC BUFFERS
The UID buffers the 2B+D data in elastic fifos
which are 3 line-frames deep in each direction.
When the Digital Interface is a timing slave, these
FIFOs compensate for relative jitter and wander
between the Digital Interface and the line. Each
buffer can absorb wander up to 18
µs at 80 KHz
max without ”slip”. This is particulary convenient
for NT1-2 or PABX application in case the local
reference clock is jitterized and wandered relative
to the incoming signal from the line.
DECT SYNCHRONIZATION
In a DECT system the U interface is used for digi-
tal transmission between the base station control-
ler (LT) and the base station (NT). The U inter-
face allows the transmission of 4 DECT channels
through B1, B2 using ADPCM compression. Be-
side the D channel allows the exchange of signal-
ling information between the base station control-
ler (BSC) and the base station (BS).
Seamless handover (for switching the radio-com-
munication from one base station to another) re-
quires additional features in U interface circuit for
base stations synchronisation.
DECT Oriented Features In U Interface
Possibility to measure the round-trip delay be-
tween BSC and BS.
The different delay of each BSC-BS connec-
tion can be compensated in each BS with a
preset counter that is loaded with the delay
value provided by the STLC5412 in the BSC
and sent to the BS via the D channel.
Round trip delay (RTD) measurement allows to
estimate the link delay (SFSrNT-SFSxLT =
RTD/2+Konst) with a total accuracy of +/- 200
nsec when STLC5412 is used both in BSC and
BS. The total accuracy is the sum of two con-
tributions. The process spread on internal
propagation delays (
±166.5ns) and jitter on re-
covered clock in LT (
±32.5ns).
DECT frames synchronisation.
The BSC must synchronise all the BSs con-
nected to itself. A synchronisation pulse DEC-
SYNC is provided by the network to all the
STLC5412 devices in the BSC (LT). The
STLC5412 devices synchronise the 2B1Q
frames on the U link with DECSYNC and send
an EOC message to the corresponding BS
(NT). The STLC5412 in the BS (NT) on recep-
tion of the EOC message provides a pulse to
preset the counter for DECT frame generation.
The jitter related to this pulse is the jitter of the
recovered clock in NT. Maximum jitter guaran-
teed on all ETSI loops is
±130ns.
These two features allow the BSC to generate
synchronous DECT frames (160ms) and multi-
frames with maximum phase difference of
±330ns.
LT DECT MODE
In LT DECT mode the STLC5412 provides round
trip delay estimation with a resolution of +/- 33
nsec. and automatic EOC DECT message trans-
fer for base stations synchronisation.
The DECSYNC pulse is applied to pin SFSx
(CR2.7=0). The DECSYNC period must be multi-
ple of 12ms and in phase with FSa. The SFSx in-
put pulse resets the line frame counter when the
device is in power-up. After power-up, before ac-
tivation, it is suggested to wait for the first avail-
able DECSYNC pulse. If not, the DECSYNC
pulse will generate a jump in the line synchronisa-
tion, that can cause a line deactivation.
Round trip delay estimation procedure
The round trip delay is the delay between
Transmit sync word (ISW) and receive Sync
word on the line. It can be estimated from
three parameters that can be read in internal
registers:
tdd: total digital delay
delay between SFSx and SFSr in steps of 12.5
µsec. It is available in register DBAUD0-4
edd: elastic digital delay
value to add to tdd that takes into account the
internal elastic memory state. It is available in
register DBAUD5-7
ced: clock elastic delay
It provides the phase difference between trans-
mit and receive clocks in steps of 65.1 nsec. It
is available in register DTXRX. See Application
Note for use.
DECT EOC message transfer
If CR7.0 = 1 (DECT mode) a synchronisation
pulse on pin SFSx triggers the DECT EOC
message transfer. The message stored in
DECTEOC register is transmitted 3 times in
the EOC channel starting from the 1st avail-
able superframe following the DECSYNC pulse
on the SFSx pin. See Application Note for use.
NT DECT MODE
In NT DECT mode the STLC5412 after recogni-
tion of DECT EOC message stored in DECT EOC
register, generates a pulse on pin SFSx, synchro-
nous with next SFSr edge. In this way the
STLC5412 provides on pin SFSx a pulse used to
resynchronise the DECT frame counter in the
base station.
The LOCK bit in CR7 register can be used to enable
the locking of FSa with SFSr after line is activated.
In particular the FSa rising edge will occur 62.5us
after the SFSr rising edge.
STLC5412
25/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com