Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC60134
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC60134 Datasheet HTML 4Page - STMicroelectronics STLC60134 Datasheet HTML 5Page - STMicroelectronics STLC60134 Datasheet HTML 6Page - STMicroelectronics STLC60134 Datasheet HTML 7Page - STMicroelectronics STLC60134 Datasheet HTML 8Page - STMicroelectronics STLC60134 Datasheet HTML 9Page - STMicroelectronics STLC60134 Datasheet HTML 10Page - STMicroelectronics STLC60134 Datasheet HTML 11Page - STMicroelectronics STLC60134 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ATU-R RX Filters
The integrated filter have the following characteristics:
Table 6. Integrated HC Filter Characteristics
Description
Value/Unit
Input referred noise
100nVHz
-1/2
Max. input level
1Vpd
Max. output level
1Vpd
Type
3rd order butterworth
Frequency band
1.104MHz (0%setting, see below)
Frequency tuning
-43.75% -> +0%
Max. in-band ripple
1dB
Matlab Model
Default cut off frequency @ -3dB
Actual cut off @ -3dB
HC Freq. selection register
[B, A] = butter (3, w0, ’s’)
F0 = 1560KHz
w0 = 2 * pi * F0/((20 + n)/16)
n = -4,..,3
see (AFE settings ,Table 22)
Table 7. Phase Characteristic
Description
Value/Unit
Total RX filter group delay
< 50
µs @ 138kHz < f < 1.104MHz
TotalRX filter group delay distortion
< 15
µs @ 138kHz < f < 1.104MHz
Note: The total ATU_R RX path (including ADC) group delay distortion is 16
µs (i.e. = 15µs+ 1µs of ADC)
ATU-C RX filter
This filter is the same as the one used for ATU-R TX.
Linearity of RX
Linearity of the RX analog path is defined by the IM3 product of two sinusoidal signals with frequencies
f1 and f2 and each with 0.5Vpd amplitude (total
≤ 1Vpd) at the output of the RX - AGC amplifier (i.e: be-
fore the ADC) for the case of minimal AGC setting.
The following tables 8 and 9 list the RX path intermodulation distortion (as S/IM3 ratio) in downstream
and upstream bandwidth.
AMPLITUTDE
0dB
+/-1dB
5dB
36dB
50dB
30
1104 2208
7728
16560
kHz
D98TL360
Figure 7. HC Filter Mask for ATU-R RX and ATU-C TX
Table 8. Linearity of ATU-R RX
f1 (0.5Vpd)
f2 (0.5Vpd)
300kHz
200kHz
500kHz
400kHz
700kHz
600kHz
S/IM3 (AGC = 0dB)
59.5dB @ 100kHz
53.5dB @ 400kHz
43.5dB @ 700kHz
42.5dB @ 800kHz
59.5dB @ 300kHz
48.0dB @ 600kHz
48.0dB @ 500kHz
42.5dB @ 800kHz
STLC60134S
8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com