Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC60134
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC60134 Datasheet HTML 12Page - STMicroelectronics STLC60134 Datasheet HTML 13Page - STMicroelectronics STLC60134 Datasheet HTML 14Page - STMicroelectronics STLC60134 Datasheet HTML 15Page - STMicroelectronics STLC60134 Datasheet HTML 16Page - STMicroelectronics STLC60134 Datasheet HTML 17Page - STMicroelectronics STLC60134 Datasheet HTML 18Page - STMicroelectronics STLC60134 Datasheet HTML 19Page - STMicroelectronics STLC60134 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Control Interface Timing
The word clock (CLWD) is used to sample at negative going edge the control information. The start bit b15
is transmitted first followed by bits b[14:0] and at least 16 stop bits need to be provided to validate the data.
CTRLIN
CLWD
START
BIT
DATA
ID.
>=16 STOP BITS=HIGH
D98TL365
Figure 12. Control Interface.
Data set-up and hold time versus falling edge CLWD must be greater than 10nsec.
Receive / Transmit Interface
RECEIVE / TRANSMIT PROTOCOL
The digital interface is based on 4 x 8.832MHz (35.328MHz) data lines in the following manner:
If OSR = 2 (OSR bit set to 1) is selected, CLKNIB is used as nibble clock (17.664MHz, disabled in normal
mode), and all the RXi, TXi, CLKWD periods are twice as long as in normal mode. This ensures a compati-
bility with lower speed products.
TX Signal Dynamic
The dynamic of data signal for both TX DACs is 12 bits extracted from the available signed 16 bit repre-
sentationcoming from the digital processor.
The maximal positive number is 214-1, the most negative number is -214, the 3 LSBs are filled with ’0’.
Any signal exceeding these limits is clamped to the maximum value.
N3
N2
N1
N0
sign
sign
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
n.u.
n.u.
n.u.
The two sign bits must be identical.
Table 24. TX bit map
Table 23.
BIT MAP/NIBBLE
N0
N1
N2
N3
TXD0
not used
data bit 1
data bit 5
data bit 9
TXD1
not used
data bit 2
data bit 6
data bit 10
TXD2
not used
data bit 3
data bit 7
data SIGN
TXD3
d0 = data bit 0 (LSB)
data bit 4
data bit 8
data SIGN
STLC60134S
16/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com