Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC60134
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC60134 Datasheet HTML 1Page - STMicroelectronics STLC60134 Datasheet HTML 2Page - STMicroelectronics STLC60134 Datasheet HTML 3Page - STMicroelectronics STLC60134 Datasheet HTML 4Page - STMicroelectronics STLC60134 Datasheet HTML 5Page - STMicroelectronics STLC60134 Datasheet HTML 6Page - STMicroelectronics STLC60134 Datasheet HTML 7Page - STMicroelectronics STLC60134 Datasheet HTML 8Page - STMicroelectronics STLC60134 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FULLY INTEGRATED AFE FOR ADSL
OVERALL 12 BIT RESOLUTION, 1.1MHz
SIGNAL BANDWIDTH
8.8MS/s ADC
8.8MS/s DAC
THD: -60dB @FULL SCALE
4-BIT DIGITAL INTERFACE TO/FROM THE
DMT MODEM
1V FULL SCALE INPUT
DIFFERENTIAL ANALOG I/O
ACCURATE CONTINUOUS-TIME CHANNEL
FILTERING
3rd & 4th ORDER TUNABLE CONTINUOUS
TIME LP FILTERS
0.5 WATT AT 3.3V
0.5
µm HCMOS5 LA TECHNOLOGY
64 PIN TQFP PACKAGE
DESCRIPTION
STLC60134S is the Analog Front End of the
STMicroelectronics Tosca
™ ADSL chipset and
when coupled with STLC60135 (DTM modem) al-
lows to get a T1.413 Issue 2 compliant solution.
The STLC60134S analog front end handles 2
transmission channels on a balanced 2 wire inter-
connection; a 16 to 640Kbit/s upstream channel
and a 1.536 to 8.192Mbit/s downstream channel.
A 256 carrier DMT coding (frequency spacing
4.3125kHz) transforms the downstream channel
to a 1MHz bandwidth analog signal (tones 32-
255) and the upstream channel (tones 8-31) to a
100kHz bandwidth signal on the line.
This asymmetrical data transmission system uses
high resolution, high speed analog to digital and
digital to analog conversion and high order ana-
log filtering to reduce the echo and noise in both
August 1999
®
1.1MHz
HC2
1.1MHz
HC1
138KHz
SC2
R-MOS-C
TUNING
I/V-REF
XTAL-DRIVER
VCXO
DAC
+
+
-
-
ADC
ERROR
CORRECTION
ANALOG
LOOP
DIGITAL
LOOP
MUX
DAC
MUX
13 bits
4 bits
12 bits
4 bits
DIGITAL
IF
G=-15...0dB
step=1dB
G=0..31dB
step=1dB
AGCtx
AGCrx
TXP
TXN
RXP(0:1)
RXN(0:1)
D99TL453
Figure 1. Block Diagram
TQFP64
ORDERING NUMBER: STLC60134S
STLC60134S
TOSCA
™ INTEGRATED ADSL CMOS
ANALOG FRONT-END CIRCUIT
1/22


Similar Part No. - STLC60134

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
XDSL LINE DRIVER
Oct-2001
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
TOSCA ADSL DMT TRANSCEIVER
Sep-1999
More results

Similar Description - STLC60134

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70136 STMICROELECTRONICS-ST70136 Datasheet
361Kb / 24P
CPE ADSL ANALOG FRONT END
Sep-2001
logo
Samsung semiconductor
S5N8943B SAMSUNG-S5N8943B Datasheet
263Kb / 22P
G.Lite ADSL Analog Front End IC
S5N8951X SAMSUNG-S5N8951X Datasheet
262Kb / 22P
G.dmt ADSL Analog Front End IC
logo
Intersil Corporation
HC6094 INTERSIL-HC6094 Datasheet
51Kb / 9P
ADSL Analog Front End Chip
February 1999
logo
Texas Instruments
AFE1302 TI-AFE1302 Datasheet
221Kb / 11P
ADSL ANALOG FRONT-END
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
STMicroelectronics
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
Feb-2004
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
ADSL ANALOG FRONT-END
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com