Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC60134 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC60134
Description  TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60134 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC60134 Datasheet HTML 8Page - STMicroelectronics STLC60134 Datasheet HTML 9Page - STMicroelectronics STLC60134 Datasheet HTML 10Page - STMicroelectronics STLC60134 Datasheet HTML 11Page - STMicroelectronics STLC60134 Datasheet HTML 12Page - STMicroelectronics STLC60134 Datasheet HTML 13Page - STMicroelectronics STLC60134 Datasheet HTML 14Page - STMicroelectronics STLC60134 Datasheet HTML 15Page - STMicroelectronics STLC60134 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Linearity of ATU-R TX
Table 18. Linearity of ATU-R TX
f1 (0.5Vpd)
f2 (0.5Vpd)
S/IM3 (AGC = 0 dB)
80kHz
70kHz
59.5dB (@ 60KHz, 90KHz)
Table 19. ATU-C TX idle channel noise
For max AGC setting (0dB)
In-band noise
Out-of-band noise
500nVHz
-1/2
500nVHz
-1/2
@ 138kHz -1.104MHz
@ 34.5kHz -138kHz
For min AGC setting (=-15dB)
In-band noise
80nVHz
-1/2
@ 138kHz -1.104MHz
TX IDLE CHANNEL NOISE
ATU-C TX idle channel noise
The idle channel noise specifications correspond with 11bit resolution of the complete TX-path. ATU-C
TX idle channel output noise on TX.
ATU-R TX idle channel noise
ATU-R TX idle channel output noise on TXP, TXN
Table 20. ATU-R TX idle channel noise
For max AGC setting (0dB)
In-band noise
Out-of-band noise
1.6
µVHz-1/2
1.6
µVHz-1/2
150nVHz
-1/2
@ 34.5kHz -138kHz
@ 138kHz
@ 250kHz -1.104MHz
For min AGC setting (=-15dB)
In-band noise
500nVHz
-1/2
@ 34kHz -138kHz
Power Supply Rejection
The noise on the power supplies for the TX-path must be lower than the following:
< 50mVrms in-band white noise for AVDD.
< 15mVrms in-band white noise for Pre-driver AVDD.
VCXO
A voltage controlled crystal oscillator driver is integrated in STLC60134S. The nominal frequency is
35.328MHz. The quartz crystal is connected between the pins XTALI and XTALO.
The principle of the VCXO control is shown in figure 11.
The information coming from the digital processor via the CTRLIN path is used to drive an 8-bit DAC
which generates a control current. This current is externally converted and filtered to generate the re-
quired control voltage (range:-15V to 0.5V) for the varicap. The VCXO circuit characteristics are given in
Table 21.
STLC60134S
12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com