Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD210 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVD210
Description  DIFFERENTIAL LVDS CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD210 Datasheet(HTML) 3 Page - STMicroelectronics

  STLVD210 Datasheet HTML 1Page - STMicroelectronics STLVD210 Datasheet HTML 2Page - STMicroelectronics STLVD210 Datasheet HTML 3Page - STMicroelectronics STLVD210 Datasheet HTML 4Page - STMicroelectronics STLVD210 Datasheet HTML 5Page - STMicroelectronics STLVD210 Datasheet HTML 6Page - STMicroelectronics STLVD210 Datasheet HTML 7Page - STMicroelectronics STLVD210 Datasheet HTML 8Page - STMicroelectronics STLVD210 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STLVD210
3/9
LOGIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 2.8
V
VI
Input Voltage
-0.2 to (VCC+0.2)
V
VO
Output Voltage
-0.2 to (VCC+0.2)
V
IOSD
Driver Short Circuit Current
Continuous
ESD
Electrostatic Discharge (HBM 1.5K
Ω, 100pF)
>2
KV
Symbol
Parameter
Value
Unit
RTj-c
Thermal Resistance Junction-Case
13
°C/W
Symbol
Parameter
Min
TYP
Max
Unit
VCC
Supply Voltage
2.375
2.625
V
VIC
Receiver Common Mode Input Voltage
0.5(VID)
2-0.5(VID)
V
TOPR
Operating Free-Air Temperature Range
-40
85
°C
TJ
Operating Junction Temperature
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com