Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD210 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVD210
Description  DIFFERENTIAL LVDS CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD210 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVD210 Datasheet HTML 1Page - STMicroelectronics STLVD210 Datasheet HTML 2Page - STMicroelectronics STLVD210 Datasheet HTML 3Page - STMicroelectronics STLVD210 Datasheet HTML 4Page - STMicroelectronics STLVD210 Datasheet HTML 5Page - STMicroelectronics STLVD210 Datasheet HTML 6Page - STMicroelectronics STLVD210 Datasheet HTML 7Page - STMicroelectronics STLVD210 Datasheet HTML 8Page - STMicroelectronics STLVD210 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STLVD210
4/9
DRIVER ELECTRICAL CHARACTERISTICS (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
noted. Typical values are at TA = 25°C) (Note 1)
NOTE 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
RECEIVER ELECTRICAL CHARACTERISTICS (TA =-40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
noted. Typical values are at TA = 25°C) (Note 1)
NOTE 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
DRIVER ELECTRICAL CHARACTERISTICS (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
noted. Typical values are at TA = 25°C) (Note 1)
NOTE 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VOD
Output Differential Voltage
RL =100 Ω
400
500
600
mV
∆V
OD
VOD Magnitude Change
30
mV
VOS
Offset Voltage
1.05
1.15
1.25
V
∆V
OS
VOS Magnitude Change
30
mV
IOS
Output Short Circuit Current VO =0V
15
30
mA
VOD =0V
7
15
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIDH
Input Threshold High
100
mV
VIDL
Input Threshold Low
-100
mV
IIN
Input Current
VI = 0V
42
100
µA
VI =VCC
210
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VBB
Output Reference Voltage
VCC =2.5 V
IBB = 0.5 mA
1.15
1.25
1.35
V
ICCD
Power Supply Current
All driver enabled and loaded
125
180
mA
All driver disabled
18
25
CIN
Input Capacitance
VI =0V toVCC
5pF
COUT
Output Capacitance
5
pF
VIH
Logic Input High Threshold
VCC = 2.5 V
2
V
VIL
Logic Input Low Threshold
VCC = 2.5 V
0.8
V
II
Logic Input Current
VCC = 2.5 V, VIN =VCC or GND
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com