Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD210 Datasheet (PDF) - STMicroelectronics

STLVD210 Datasheet PDF - STMicroelectronics
Part # STLVD210
Download  STLVD210 Download
File Size   155.69 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIFFERENTIAL LVDS CLOCK DRIVER

STLVD210 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLVD210 Datasheet PDF - STMicroelectronics

Part # STLVD210
Download  STLVD210 Click to download

File Size   155.69 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DIFFERENTIAL LVDS CLOCK DRIVER

STLVD210 Datasheet (HTML) - STMicroelectronics


STLVD210 Product details

DESCRIPTION
The STLVD210 is a low skew programmable 1-to-5 dual differential LVDS driver, designed with clock distribution in mind. The LVDS input signals can be either differential or single-ended if the VBB output is used.
The STLVD210 is provided with a 11 bit shift register with a serial in and a Control Register. The purpose is to enable or power off each output clock channel and to select the clock input. The STLVD210 is specifically designed, modelled and produced with low skew as the key goal. Optimal design and layout serve to minimize gate to gate skew within a device. The net result is a dependable guaranteed low skew device.
The STLVD210 can be used for high performance clock distribution in 2.5V systems with LVDS levels. Designers can be take advantage of the device’s performance to distribute low skew clocks across the backplane or the board.

■ 100ps PART-TO-PART SKEW
■ 50ps BANK SKEW
■ DIFFERENTIAL DESIGN
■ MEETS LVDS SPEC. FOR DRIVER OUTPUTS AND RECEIVER INPUTS
■ REFERENCE VOLTAGE AVAILABLE OUTPUT VBB
■ LOW VOLTAGE VCC RANGE OF 2.375V TO 2.625V
■ HIGH SIGNALLING RATE CAPABILITY (EXCEEDS 700MHz)
■ SUPPORT OPEN, SHORT, AND TERMINATED INPUT FAIL-SAFE (LOW OUTPUT STATE)
■ PROGRAMMABLE DRIVERS POWER OFF CONTROL




Similar Part No. - STLVD210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
STLVD111BF STMICROELECTRONICS-STLVD111BF Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
More results


Similar Description - STLVD210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
logo
Crystek Corporation
CCLD-915 CRYSTEKCRYSTAL-CCLD-915 Datasheet
112Kb / 1P
Differential LVDS Clock Oscillator
logo
National Semiconductor ...
DS90LV011AQ NSC-DS90LV011AQ Datasheet
208Kb / 6P
Automotive LVDS Differential Driver
logo
ON Semiconductor
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com