Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVD210
Description  DIFFERENTIAL LVDS CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD210 Datasheet(HTML) 1 Page - STMicroelectronics

  STLVD210 Datasheet HTML 1Page - STMicroelectronics STLVD210 Datasheet HTML 2Page - STMicroelectronics STLVD210 Datasheet HTML 3Page - STMicroelectronics STLVD210 Datasheet HTML 4Page - STMicroelectronics STLVD210 Datasheet HTML 5Page - STMicroelectronics STLVD210 Datasheet HTML 6Page - STMicroelectronics STLVD210 Datasheet HTML 7Page - STMicroelectronics STLVD210 Datasheet HTML 8Page - STMicroelectronics STLVD210 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
December 2002
s
100ps PART-TO-PART SKEW
s
50ps BANK SKEW
s
DIFFERENTIAL DESIGN
s
MEETS LVDS SPEC. FOR DRIVER
OUTPUTS AND RECEIVER INPUTS
s
REFERENCE VOLTAGE AVAILABLE
OUTPUT VBB
s
LOW VOLTAGE VCC RANGE OF 2.375V TO
2.625V
s
HIGH SIGNALLING RATE CAPABILITY
(EXCEEDS 700MHz)
s
SUPPORT OPEN, SHORT, AND
TERMINATED INPUT FAIL-SAFE (LOW
OUTPUT STATE)
s
PROGRAMMABLE DRIVERS POWER OFF
CONTROL
DESCRIPTION
The STLVD210 is a low skew programmable
1-to-5 dual differential LVDS driver, designed with
clock distribution in mind. The LVDS input signals
can be either differential or single-ended if the
VBB output is used.
The STLVD210 is provided with a 11 bit shift
register with a serial in and a Control Register.
The purpose is to enable or power off each output
clock channel and to select the clock input. The
STLVD210 is specifically designed, modelled and
produced with low skew as the key goal. Optimal
design and layout serve to minimize gate to gate
skew within a device. The net result is a
dependable guaranteed low skew device.
The STLVD210 can be used for high performance
clock distribution in 2.5V systems with LVDS
levels. Designers can be take advantage of the
device’s performance to distribute low skew
clocks across the backplane or the board.
ORDERING CODES
Type
Temperature
Range
Package
Comments
STLVD210BF
-40 to 85 °C
TQFP32 (Tray)
250 parts per Tray
STLVD210BFR
-40 to 85 °C
TQFP32 (Tape & Reel)
2400 parts per reel
STLVD210
DIFFERENTIAL LVDS CLOCK DRIVER
TQFP32


Similar Part No. - STLVD210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
STLVD111BF STMICROELECTRONICS-STLVD111BF Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
More results

Similar Description - STLVD210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
logo
Crystek Corporation
CCLD-915 CRYSTEKCRYSTAL-CCLD-915 Datasheet
112Kb / 1P
Differential LVDS Clock Oscillator
logo
National Semiconductor ...
DS90LV011AQ NSC-DS90LV011AQ Datasheet
208Kb / 6P
Automotive LVDS Differential Driver
logo
ON Semiconductor
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com