Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3689 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3689
Description  Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3689 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3689 Datasheet HTML 2Page - STMicroelectronics STG3689 Datasheet HTML 3Page - STMicroelectronics STG3689 Datasheet HTML 4Page - STMicroelectronics STG3689 Datasheet HTML 5Page - STMicroelectronics STG3689 Datasheet HTML 6Page - STMicroelectronics STG3689 Datasheet HTML 7Page - STMicroelectronics STG3689 Datasheet HTML 8Page - STMicroelectronics STG3689 Datasheet HTML 9Page - STMicroelectronics STG3689 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STG3689
6/16
RON
Switch ON
resistance
4.3
VS=0V
to VCC
IS=100
mA
0.5
0.7
1.4
Ω
3.0
0.7
0.9
1.4
2.7
0.7
0.9
1.7
2.3
0.9
1.2
1.7
1.8
1.3
1.6
1.9
1.65
1.60
2.5
2.2
∆RON
ON
Resistance
match
between
channels
1Sn and 2Sn
2.7
VS @
RON
Max
IS=100
mA
0.6
Ω
RFLAT
ON
resistance
FLATNESS
(1) (2)
4.3
VS = 0V
to VCC
IS=100
mA
0.18
0.21
Ω
3.0
0.16
0.19
2.7
0.16
0.19
2.3
0.18
0.21
1.65
0.38
0.44
IOFF
OFF state
leakage
current
(nSN), (Dn)
4.3
VS = 0.3
or 4V
±10
±100
nA
IIN
Input
leakage
current
0 – 4.3
VIN = 0
to 4.3V
±0.1
±1
µA
ICC
Quiescent
supply
current
1.65–4.3
VIN =
VCC or
GND
±0.05
±0.2
±1
µA
ICCLV
Quiescent
supply
current low
voltage
driving
4.3
V1IN,
V2IN =
1.65V
42
55
µA
V1IN,
V2IN =
1.80V
38
50
1.
∆RON = RON(MAX) - RON(MIN).
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal ranges.
Table 4.
DC specifications
Symbol
Parameter
Test conditions
Value
VCC(V)
TA = 25°C
-40 to
85°C
-55 to 125°C
Unit
Min.
Typ
Max.
Typ Max.
Typ
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com