Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3689 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG3689
Description  Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3689 Datasheet(HTML) 3 Page - STMicroelectronics

  STG3689 Datasheet HTML 1Page - STMicroelectronics STG3689 Datasheet HTML 2Page - STMicroelectronics STG3689 Datasheet HTML 3Page - STMicroelectronics STG3689 Datasheet HTML 4Page - STMicroelectronics STG3689 Datasheet HTML 5Page - STMicroelectronics STG3689 Datasheet HTML 6Page - STMicroelectronics STG3689 Datasheet HTML 7Page - STMicroelectronics STG3689 Datasheet HTML 8Page - STMicroelectronics STG3689 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STG3689
Summary description
3/16
1
Summary description
1.1
Pin connections and description
Figure 1.
Pin connections (Top through view)
1.2
Input equivalent circuit
Table 1.
Pin function
Pin Nº
Symbol
Name and function
5, 10
1IN, 2IN
Controls
2, 4,
9, 7
1S1, 1S2
2S1, 2S2
Independent channels
3, 8
D1, D2
Common channels
1VCC
Positive supply voltage
6
GND
Ground (0V)
1
2
3
5
4
10
9
8
7
6
2IN
2S1
D2
2S2
GND
1IN
1S2
D1
1S1
VCC
Figure 2.
Input equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com