Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3689 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3689
Description  Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3689 Datasheet(HTML) 5 Page - STMicroelectronics

  STG3689 Datasheet HTML 1Page - STMicroelectronics STG3689 Datasheet HTML 2Page - STMicroelectronics STG3689 Datasheet HTML 3Page - STMicroelectronics STG3689 Datasheet HTML 4Page - STMicroelectronics STG3689 Datasheet HTML 5Page - STMicroelectronics STG3689 Datasheet HTML 6Page - STMicroelectronics STG3689 Datasheet HTML 7Page - STMicroelectronics STG3689 Datasheet HTML 8Page - STMicroelectronics STG3689 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STG3689
Electrical characteristics
5/16
3
Electrical characteristics
3.1
Recommended operating conditions
3.2
DC Specifications
Table 3.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
Truth Table guaranteed: 1.2V to 4.3V
1.4 to 4.3
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to 4.3
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-55 to 125
°C
dt/dv
Input rise and fall time control Input
VCC = 1.65V to 2.7V
0 to 20
ns/V
VCC = 3.0 to 4.3V
0 to 10
Table 4.
DC specifications
Symbol
Parameter
Test conditions
Value
VCC(V)
TA = 25°C
-40 to
85°C
-55 to 125°C
Unit
Min.
Typ
Max.
Typ Max.
Typ
Max.
VIH
High level
input voltage
1.65-1.95
0.65
VCC
0.65
VCC
0.65
VCC
V
2.3-2.5
1.4
1.4
1.4
2.7-3.0
1.4
1.4
1.4
3.3 – 4.3
1.5
1.5
1.5
VIL
Low level
input voltage
1.65-1.95
0.40
0.40
0.40
V
2.3-2.5
0.50
0.50
0.50
2.7-3.0
0.50
0.50
0.50
3.3 – 4.3
0.50
0.50
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com