Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3689 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3689
Description  Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3689 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3689 Datasheet HTML 4Page - STMicroelectronics STG3689 Datasheet HTML 5Page - STMicroelectronics STG3689 Datasheet HTML 6Page - STMicroelectronics STG3689 Datasheet HTML 7Page - STMicroelectronics STG3689 Datasheet HTML 8Page - STMicroelectronics STG3689 Datasheet HTML 9Page - STMicroelectronics STG3689 Datasheet HTML 10Page - STMicroelectronics STG3689 Datasheet HTML 11Page - STMicroelectronics STG3689 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Electrical characteristics
STG3689
8/16
3.4
Analog switch characteristics
3.5
Truth table
Table 6.
Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test Conditions
Value
VCC(V)
TA = 25°C
-40 to
85°C
-55 to
125°C
Unit
Min. Typ. Max. Typ. Max.
Typ.
Max.
OIRR
Off Isolation
(1)
1.
Off Isolation = 20Log10 (VD/VS), VD = output, VS = input at off switch.
1.65 - 4.3
VS=1VRMS
f = 100kHz
-90
dB
Xtalk
Crosstalk
1.6 - 4.3
VS=1VRMS
f = 100kHz
-76
dB
THD
Total
harmonic
distortion
3.0
RL = 600Ω
VIN = 2VPP
f = 20Hz to
20 kHz
0.03
%
BW
-3dB
Bandwidth
1.65 - 4.3
RL = 50Ω
85
MHz
CIN
Control pin
input
capacitance
7pF
CSn
Sn port
capacitance
3.3
f = 1MHz
35
pF
CD
D port
capacitance
when switch
is enabled
3.3
f = 1MHz
99
pF
Table 7.
Truth table
IN
Switch S1
Switch S2
HON
OFF (1)
LOFF (1)
1.
High Impedance
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com