Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5683 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG5683
Description  Low voltage dual SPDTswitch with negative rail capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5683 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG5683 Datasheet HTML 3Page - STMicroelectronics STG5683 Datasheet HTML 4Page - STMicroelectronics STG5683 Datasheet HTML 5Page - STMicroelectronics STG5683 Datasheet HTML 6Page - STMicroelectronics STG5683 Datasheet HTML 7Page - STMicroelectronics STG5683 Datasheet HTML 8Page - STMicroelectronics STG5683 Datasheet HTML 9Page - STMicroelectronics STG5683 Datasheet HTML 10Page - STMicroelectronics STG5683 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STG5683
Electrical characteristics
7/16
4
Electrical characteristics
Table 5. DC specifications
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
VIH
High level
input voltage
1.65 -1.95
0.65VCC
0.65VCC
V
2.3-2.5
1.0
1.4
2.7-3.0
1.1
1.5
3.3-4.3
1.3
1.6
VIL
Low level
input voltage
1.65-1.95
0.5
0.5
V
2.3-2.5
0.5
0.4
2.7-3.0
0.6
0.5
3.3-4.3
0.7
0.6
RON
Switch ON
resistance
1.8
VS = VCC -5.5V to
VCC; IS = 100mA
3.20
4.0
Ω
2.7
0.77
0.90
3.0
0.64
0.80
3.6
0.51
0.65
4.3
0.45
0.55
∆RON
ON
resistance
match
between
channels (1)
1.8
VS @ RON Max
IS = 100mA
50
m
Ω
2.7
20
3.0
15
3.6
15
4.3
15
RFLAT
ON
resistance
flatness (2)
1.8
VS = VCC -5.5V to
VCC; IS = 100mA
3.0
Ω
2.7
0.50
3.0
0.40
3.6
0.25
4.3
0.16
RSH
Shunt switch
resistance
2.7
S1 or S2 = 10mA
70
100
Ω
ION
Sn ON State
Leakage
Current
4.3
VS = -1.2 to 4.3V
VD = Open
-0.1
0.1
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com