Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5683 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG5683
Description  Low voltage dual SPDTswitch with negative rail capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5683 Datasheet(HTML) 1 Page - STMicroelectronics

  STG5683 Datasheet HTML 1Page - STMicroelectronics STG5683 Datasheet HTML 2Page - STMicroelectronics STG5683 Datasheet HTML 3Page - STMicroelectronics STG5683 Datasheet HTML 4Page - STMicroelectronics STG5683 Datasheet HTML 5Page - STMicroelectronics STG5683 Datasheet HTML 6Page - STMicroelectronics STG5683 Datasheet HTML 7Page - STMicroelectronics STG5683 Datasheet HTML 8Page - STMicroelectronics STG5683 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2007
Rev 3
1/16
16
STG5683
Low voltage dual SPDTswitch
with negative rail capability
Features
■ Distortion-free negative signal throughput
down to VCC-5.5V
■ Wide operating voltage range:
VCC (Opr) = 1.65V to 4.5V single supply
■ Ultra low power dissipation:
ICC = 0.2µA (Max.) at tA = 85°C
■ Low "ON" resistance VIN = 0V:
RON = 0.5Ω (max. tA = 25°C) at VCC = 4.3V
■ 4.3V tolerant and 1.8V compatible threshold on
digital control input at VCC = 1.65 to 3.0V
■ Latch-up performance exceeds 300mA
(JESD 17)
■ ESD performance exceeds JESD22
■ 2000-V human-body model (A114-A)
Description
The STG5683 is a high-speed CMOS low voltage
dual analog S.P.D.T. (Single Pole Dual Throw)
SWITCH or 2:1 Multiplexer /Demultiplexer Switch
fabricated in silicon gate C2MOS technology. It is
designed to operate from 1.65V to 4.5V, making
this device ideal for portable applications.
Additional key features are fast switching speed,
Break Before Make Delay Time and Ultra Low
Power Consumption. All inputs and outputs are
equipped with protection circuits against static
discharge, giving them ESD immunity and
transient excess voltage.
QFN16L (2.6mm x 1.8mm)
www.st.com
Figure 1.
Device summary
Order code
Package
Packaging
STG5683QTR
QFN16L (2.6mm x 1.8mm)
Tape and reel


Similar Part No. - STG5683

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG5682 STMICROELECTRONICS-STG5682 Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
STG5682QTR STMICROELECTRONICS-STG5682QTR Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
More results

Similar Description - STG5683

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
logo
STMicroelectronics
STG5682 STMICROELECTRONICS-STG5682 Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
July 12, 2006
logo
Maxim Integrated Produc...
MAX4901 MAXIM-MAX4901 Datasheet
346Kb / 13P
Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability
Rev 2; 5/06
logo
ams AG
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
STMicroelectronics
STG5678 STMICROELECTRONICS-STG5678 Datasheet
588Kb / 23P
Low voltage dual SPDT switch with negative rail capability
04-Jun-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com