Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5683 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG5683
Description  Low voltage dual SPDTswitch with negative rail capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5683 Datasheet(HTML) 3 Page - STMicroelectronics

  STG5683 Datasheet HTML 1Page - STMicroelectronics STG5683 Datasheet HTML 2Page - STMicroelectronics STG5683 Datasheet HTML 3Page - STMicroelectronics STG5683 Datasheet HTML 4Page - STMicroelectronics STG5683 Datasheet HTML 5Page - STMicroelectronics STG5683 Datasheet HTML 6Page - STMicroelectronics STG5683 Datasheet HTML 7Page - STMicroelectronics STG5683 Datasheet HTML 8Page - STMicroelectronics STG5683 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STG5683
Pin settings
3/16
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top through view)
1.2
Pin description
2S2
D2
2S1
D1
1S2
1SEL
1S1
2SEL
Shunt switch
Shunt switch
3
11
4
2
12
10
9
1
Table 1. Pin description
Pin N°
Symbol
Name and function
4, 2,
10, 12
1S1, 1S2,
2S1, 2S2
Independent channels
3, 11
D1, D2
Common channel
1, 9
1SEL, 2SEL
Control
7
VCC
Positive supply voltage
8
GND
Ground (0V)
5,6,13,14,15,16
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com