Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG5683 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG5683
Description  Low voltage dual SPDTswitch with negative rail capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5683 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG5683 Datasheet HTML 5Page - STMicroelectronics STG5683 Datasheet HTML 6Page - STMicroelectronics STG5683 Datasheet HTML 7Page - STMicroelectronics STG5683 Datasheet HTML 8Page - STMicroelectronics STG5683 Datasheet HTML 9Page - STMicroelectronics STG5683 Datasheet HTML 10Page - STMicroelectronics STG5683 Datasheet HTML 11Page - STMicroelectronics STG5683 Datasheet HTML 12Page - STMicroelectronics STG5683 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STG5683
Electrical characteristics
9/16
Table 6. AC electrical characteristics (CL = 35pF, RL = 50Ω, tr = tf ≤ 5ns)
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
tPLH, tPHL
Propagation
delay
1.65-1.95
0.45
ns
2.3-2.7
0.40
3.0-3.3
0.30
3.6-4.3
0.25
tON
Turn-ON
time
1.65-1.95
VS = 0.8V
180
220
ns
2.3-2.7
VS = 1.5V
100
130
3.0-3.3
72
95
3.6-4.3
58
80
tOFF
Turn-OFF
time
1.65-1.95
VS = 0.8
64
80
ns
2.3-2.7
VS = 1.5V
41
60
3.0-3.3
34
50
3.6-4.3
33
50
tD
Break
before make
time delay
1.65-1.95
CL = 35pF
RL = 50Ω
VS = VCC\2
1110
ns
2.3-2.7
1
58
3.0-3.3
1
40
3.6-4.3
1
23
Q
Charge
injection
1.65-1.95
CL = 100pF
VGEN = 0V
16
pC
2.3-2.7
25
3.0-3.3
34
3.6-4.3
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com