Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316SMTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLED316SMTR
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316SMTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLED316SMTR Datasheet HTML 7Page - STMicroelectronics STLED316SMTR Datasheet HTML 8Page - STMicroelectronics STLED316SMTR Datasheet HTML 9Page - STMicroelectronics STLED316SMTR Datasheet HTML 10Page - STMicroelectronics STLED316SMTR Datasheet HTML 11Page - STMicroelectronics STLED316SMTR Datasheet HTML 12Page - STMicroelectronics STLED316SMTR Datasheet HTML 13Page - STMicroelectronics STLED316SMTR Datasheet HTML 14Page - STMicroelectronics STLED316SMTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
STLED316S
STLED316S functional description
11/33
3.4
Display types
Table 3.
Seven segment display with dot point and common-anode LED panel
3.5
Keyscan
The full keyscan is illustrated in the another section of the datasheet. One diode is required
per key switch. The keyscan circuit detects any combination of keys being pressed.
3.6
Discrete LED outputs
The STLED316S can be used to drive up to 8 discrete LEDs. The single LED output acts
like a digit driver output and can be wired-up with 8 segment outputs to drive up to 8 different
discrete LEDs. Physical connections from the LED output as well as the segment outputs
must be made to drive the discrete LEDs in the desired manner. The discrete LEDs may be
needed to indicate the “Power”, “Standby” status (for example). Also it is possible to
separately control the brightness of each single LED.
3.7
Power on reset and soft-start
The device integrates an internal power-on-reset circuit which initializes the digital logic
upon power up. The soft-start circuit limits the inrush current and high peak current during
power-up. This is done by delaying the input circuit’s response to the external applied
voltage. During soft-start, the input resistance is higher which lowers the in-rush current
when the supply voltage is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com