Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316SMTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLED316SMTR
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316SMTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLED316SMTR Datasheet HTML 25Page - STMicroelectronics STLED316SMTR Datasheet HTML 26Page - STMicroelectronics STLED316SMTR Datasheet HTML 27Page - STMicroelectronics STLED316SMTR Datasheet HTML 28Page - STMicroelectronics STLED316SMTR Datasheet HTML 29Page - STMicroelectronics STLED316SMTR Datasheet HTML 30Page - STMicroelectronics STLED316SMTR Datasheet HTML 31Page - STMicroelectronics STLED316SMTR Datasheet HTML 32Page - STMicroelectronics STLED316SMTR Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Application information
STLED316S
30/33
11.2
Power supply sequencing
Proper power-supply sequencing is advised for all CMOS devices. It is
recommended to always apply VCC before applying any signals to the input/output
or control pins.
11.3
Application diagram
Figure 9.
STLED316S application diagram
Table 19.
Part list
Resistors
Capacitors
Diodes
Supply V
RSET = external
resistor for current
setting
C1 = 33 µF (25V)
electrolytic
D1-D8 = 1N4148
VCC = 5 V ± 10%
R1 = 1-10 K
Ω
DIN/DOUT external
pull-up resistor
C2 = 0.01- 0.1 µF
(25 V) ceramic
R2 = 1-10 K
Ω IRQ_N
external pull-up resistor
R3-R4 = 10 K
Ωexternal
key-matrix pull-down
resistors
ISET
KEY1-KEY2
6
SEG1/KS1
-SEG8/KS8
DIG2-DIG7
R2
C1
C2
R3
R4
D1
D2
D3
D4
D5
D6
D7
D8
GND
GND
GND
R1
DIG1_LED
MCU
STLED316S
Keyscan
(8 x 2 matrix)
RSET
LED 6-digit 7-segment (+dot-point) display panel
CLK
STB
DIN / DOUT
IRQ_N
CS00018
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com