Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316SMTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLED316SMTR
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316SMTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLED316SMTR Datasheet HTML 23Page - STMicroelectronics STLED316SMTR Datasheet HTML 24Page - STMicroelectronics STLED316SMTR Datasheet HTML 25Page - STMicroelectronics STLED316SMTR Datasheet HTML 26Page - STMicroelectronics STLED316SMTR Datasheet HTML 27Page - STMicroelectronics STLED316SMTR Datasheet HTML 28Page - STMicroelectronics STLED316SMTR Datasheet HTML 29Page - STMicroelectronics STLED316SMTR Datasheet HTML 30Page - STMicroelectronics STLED316SMTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
STLED316S
Key-scanning and display timing
27/33
9.2
Serial communication format (transmission)
The figure below shows the “transmission” from STLED316S for data read sequence.
Figure 6.
Serial communication format (transmission)
Because the DIN/DOUT pin in a bi-directional pin, it is recommended to connect an external
pull-up resistor to thi
s pin (1 KΩ to 10 KΩ).
Note:
No minimum wait time is needed to read the data from the device. The STLED316S will
output the data about 250 ns after the 8th clock pulse’s falling edge. It is therefore suggested
that the host must release the bus within 100ns after clocking the last bit on the 8th clock
pulse. The STLED316S is able to clock out the valid data on the immediate falling edge of
the CLK without missing any clock cycle.
STB
DIN
CLK
If data are contiguous
b1
b0
b2
b6
b7
23
CS15561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com