Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316SMTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLED316SMTR
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316SMTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLED316SMTR Datasheet HTML 18Page - STMicroelectronics STLED316SMTR Datasheet HTML 19Page - STMicroelectronics STLED316SMTR Datasheet HTML 20Page - STMicroelectronics STLED316SMTR Datasheet HTML 21Page - STMicroelectronics STLED316SMTR Datasheet HTML 22Page - STMicroelectronics STLED316SMTR Datasheet HTML 23Page - STMicroelectronics STLED316SMTR Datasheet HTML 24Page - STMicroelectronics STLED316SMTR Datasheet HTML 25Page - STMicroelectronics STLED316SMTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Commands
STLED316S
22/33
Table 15.
LED address mapping
Default is constant brightness control with 14/16 pulse width.
During normal operation, the user defined value will be stored in the respective location.
8.3.1
Display setting (maximum number of digits):
The 3-bit values corresponding to selection of number of digits of display are shown below:
000: 1 digit 8 segments
001: 2 digits 8 segments
010: 3 digits 8 segments
011: 4 digits 8 segments
100: 5 digits 8 segments
101: 6 digits 8 segments
Select the number of digits by writing the value in page 0x10 and the address 0x00 in LSB2
to LSB0.
8.3.2
Dimming setting (brightness levels):
The 4-bit values corresponding to different brightness levels are shown below:
0000: pulse width is 1/16
0001: pulse width is 2/16
0010: pulse width is 4/16
0011: pulse width is 10/16
0100: pulse width is 11/16
0101: pulse width is 12/16
0110: pulse width is 13/16
0111: pulse width is 14/16
Set the dimming timing (write into respective address location from 0x00 to 0x03; page 0x10
& 0x11).
Address
MSB
LSB
0x00
LED/ Seg 2
LED/ Seg 1
0x01
LED/ Seg 4
LED/ Seg 3
0x02
LED/ Seg 6
LED/ Seg 5
0x03
LED/ Seg 8
LED/ Seg 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com