Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX3040 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMUX3040
Description  Octal SPDT high bandwidth signal switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX3040 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMUX3040 Datasheet HTML 4Page - STMicroelectronics STMUX3040 Datasheet HTML 5Page - STMicroelectronics STMUX3040 Datasheet HTML 6Page - STMicroelectronics STMUX3040 Datasheet HTML 7Page - STMicroelectronics STMUX3040 Datasheet HTML 8Page - STMicroelectronics STMUX3040 Datasheet HTML 9Page - STMicroelectronics STMUX3040 Datasheet HTML 10Page - STMicroelectronics STMUX3040 Datasheet HTML 11Page - STMicroelectronics STMUX3040 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Maximum rating
STMUX3040
8/15
4
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
4.1
Absolute maximum rating
4.2
Thermal data
Table 4. Absolute maximum rating
Symbol
Parameter
Value
Unit
VCC
Supply voltage to Ground
-0.5 to +2.5
V
V33
Supply voltage to internal regulator
-0.5 to +4.5
V
VI
DC input voltage
-0.5 to Vcc (1)
1.
VCC = 1.8V ± 10% in regulator mode
V
VIC
DC control input voltage
-0.5 to Vcc (1)
V
IO
DC output current
120
mA
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
Table 5. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
40.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com