Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX3040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMUX3040
Description  Octal SPDT high bandwidth signal switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX3040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMUX3040 Datasheet HTML 6Page - STMicroelectronics STMUX3040 Datasheet HTML 7Page - STMicroelectronics STMUX3040 Datasheet HTML 8Page - STMicroelectronics STMUX3040 Datasheet HTML 9Page - STMicroelectronics STMUX3040 Datasheet HTML 10Page - STMicroelectronics STMUX3040 Datasheet HTML 11Page - STMicroelectronics STMUX3040 Datasheet HTML 12Page - STMicroelectronics STMUX3040 Datasheet HTML 13Page - STMicroelectronics STMUX3040 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Electrical specification
STMUX3040
10/15
5.2
Capacitance
5.3
Power supply characteristics
(
5.4
Dynamic electrical characteristics
Table 8. Capacitance (TA = 25°C, f = 1MHz)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
COFF
Port x0 to Port x1, Switch
off
VIN = 0V
4
pF
CON
Capacitance switch on
VIN = 0V
6
pF
Table 9. Power supply characteristics (TA = -40 to +85 °C)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Supply voltage (internal
regulator inactive)
1.65
1.8
2.0
V
V33
Supply voltage (internal
regulator active)
2.7
3.3
3.6
V
ICC
Quiescent power supply
current
(Internal regulator inactive)
VCC = 2.0 V,
VIN = VCC or GND
150
500
µA
ICC
Quiescent power supply
current
(Internal regulator active)
V33 = 3.3V,
VIN = 1.8V or GND
250
700
µA
Table 10. Dynamic electrical characteristics (TA = -40 to +85 °C, VCC = 1.8V ± 10%)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
XTALK
Non-adjacent channel
Cross-talk
RL = 100Ω,
f = 300MHz
-30
dB
RL = 100Ω,
f = 600MHz
-20
dB
RL = 100Ω,
f = 1200MHz
-20
dB
OIRR
Off Isolation
RL = 100Ω,
f = 300MHz
-35
dB
RL = 100Ω,
f = 600MHz
-28
dB
RL = 100Ω,
f = 1200MHz
-20
dB
DR
Data rate per channel
3.0
Gbps
BW
Bandwidth
-3dB bandwidth
1200
1300
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com