Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX3040 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMUX3040
Description  Octal SPDT high bandwidth signal switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX3040 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMUX3040 Datasheet HTML 7Page - STMicroelectronics STMUX3040 Datasheet HTML 8Page - STMicroelectronics STMUX3040 Datasheet HTML 9Page - STMicroelectronics STMUX3040 Datasheet HTML 10Page - STMicroelectronics STMUX3040 Datasheet HTML 11Page - STMicroelectronics STMUX3040 Datasheet HTML 12Page - STMicroelectronics STMUX3040 Datasheet HTML 13Page - STMicroelectronics STMUX3040 Datasheet HTML 14Page - STMicroelectronics STMUX3040 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STMUX3040
Electrical specification
11/15
5.5
Dynamic switching characteristics
5.6
ESD performance
Table 11. Dynamic switching characteristics (TA = -40 to +85 °C, VCC = 1.8V ± 10%)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPD
Propagation delay
VCC = 1.65V - 2.0V
0.25
ns
tPZH,
tPZL
Line enable time, SEL to x
to x0 or x to x1
VCC = 1.65V - 2.0V
0.5
6.5
9
ns
tPHZ,
tPLZ
Line Disable Time, SEL to x
to x0 or x to x1
VCC = 1.65V - 2.0V
0.5
6.5
8.5
ns
tSK(O)
Output skew between
center port to any other
port
VCC = 1.65V - 2.0V
50
100
ps
tSK(P)
Skew between opposite
transition of the same
output (tPHL - tPLH)
VCC = 1.65V - 2.0V
50
100
ps
tON
Switching delay
VCC = 1.65V - 2.0V
50
ns
tOFF
Switching delay
VCC = 1.65V - 2.0V
30
ns
Table 12. ESD performance
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ESD
IEC-61000-4-2
Air discharge
(10 pulses)
±2kV
Contact discharge
(10 pulses)
±2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com