Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMUX3040 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMUX3040
Description  Octal SPDT high bandwidth signal switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMUX3040 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMUX3040 Datasheet HTML 5Page - STMicroelectronics STMUX3040 Datasheet HTML 6Page - STMicroelectronics STMUX3040 Datasheet HTML 7Page - STMicroelectronics STMUX3040 Datasheet HTML 8Page - STMicroelectronics STMUX3040 Datasheet HTML 9Page - STMicroelectronics STMUX3040 Datasheet HTML 10Page - STMicroelectronics STMUX3040 Datasheet HTML 11Page - STMicroelectronics STMUX3040 Datasheet HTML 12Page - STMicroelectronics STMUX3040 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STMUX3040
Electrical specification
9/15
5
Electrical specification
5.1
DC electrical characteristics
TA = -40 to +85°C, VCC = 1.8V ± 10%
Table 6. SEL Pin
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
HIGH level input voltage
High level guaranteed
0.65Vcc
V
VIL
LOW level input voltage
Low level guaranteed
-0.5
0.35Vcc
V
VIK
Clamp diode voltage
VCC = 1.8V,
IIN = -18mA
-0.8
-1.2
V
IIH
Input high current
VCC = 1.8V, VIN = VCC
±5
µA
IIL
Input low current
VCC = 1.8V, VIN = GND
±5
µA
Table 7. All signal switch pins
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IIN
Input leakage
VCC = 1.8V, VIN = VCC
All non-tested switches
floating
1uA
VIK
Clamp diode voltage
VCC = 1.8V,
IIN = -18mA
-0.8
-1.2
V
RON
Switch ON resistance (1)
1.
Measured by voltage drop between channels at the indicated current through the switch.
VCC = 1.8V, VIN = 0.9 to
VCC, IIN = -30mA
5.5
8.0
Ω
RFLAT
ON resistance flatness
(1) (2)
2.
Flatness is defined as the difference between the RONMAX and the RONMIN of the on resistance over the
specified range on the same channel
VCC = 1.8V, VIN = 0.9 to
VCC, IIN = -30mA
11.3
Ω
∆R
ON
ON resistance match
between channels
∆R
ON = RONMAX - RONMIN
(2) (3)
3.
∆R
ON measured at the same VCC, temperature and voltage level.
VCC = 1.8V, VIN = 0.9 to
VCC, IIN = -30mA
0.5
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com