Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP04CM05
Description  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05 Datasheet(HTML) 1 Page - STMicroelectronics

  STP04CM05 Datasheet HTML 1Page - STMicroelectronics STP04CM05 Datasheet HTML 2Page - STMicroelectronics STP04CM05 Datasheet HTML 3Page - STMicroelectronics STP04CM05 Datasheet HTML 4Page - STMicroelectronics STP04CM05 Datasheet HTML 5Page - STMicroelectronics STP04CM05 Datasheet HTML 6Page - STMicroelectronics STP04CM05 Datasheet HTML 7Page - STMicroelectronics STP04CM05 Datasheet HTML 8Page - STMicroelectronics STP04CM05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
June 2008
Rev 4
1/24
24
STP04CM05
4-bit constant current power-LED sink driver
Features
■ 4 constant current output channels
■ Adjustable output current through one external
resistor
■ Can be driven by a 3.3 V microcontroller
■ Serial data IN/parallel data OUT
■ Output current: 80-400 mA
■ 20 V of output driving capability
■ 30 MHz clock frequency
■ UVLO (under voltage lockout) and
POR (power ON reset)
■ TSD, thermal shutdown, output off when
junction temperature exceeds limit
■ Operating free-air temperature range -40 to
125 ºC
■ ESD protection 2.5 kV HBM, 200 V MM
■ Available in high thermal TSSOP exposed pad.
Description
The STP04CM05 is a high-power LED driver and
4-bit shift register designed for Power-LED
applications.
The STP04CM05 contains a 4-bit serial IN,
parallel OUT shift register that feeds a 4-bit
D-type storage register. In the output stage, four
regulated current sources were designed to
provide 80-400 mA constant current to drive high
power LEDs.
The STP04CM05 guarantees 20 V output driving
capability, allowing users to connect more LEDs in
series. The high clock frequency, 30 MHz, also
satisfies the system requirements which include
high volume data transmission.
The STP04CM05 is well suited for very high
brightness displays and special lighting
applications.
The STP04CM05 is offered in DIP-14, SO-14 and
TSSOP16 exposed pad packages.
SO-14
Dip-14
TSSOP16
(Exposed pad)
Table 1.
Device summary
Order codes
Package
Packaging
STP04CM05B1R
DIP-14
25 parts per tube
STP04CM05MTR
SO-14 (tape and reel)
2500 parts per reel
STP04CM05XTTR
TSSOP16 exposed-pad (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - STP04CM05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM596 STMICROELECTRONICS-STP04CM596 Datasheet
538Kb / 24P
4-Bit constant current for power-LED, LED sink driver
26-Oct-2006
STP04CM596B1R STMICROELECTRONICS-STP04CM596B1R Datasheet
538Kb / 24P
4-Bit constant current for power-LED, LED sink driver
26-Oct-2006
STP04CM596M STMICROELECTRONICS-STP04CM596M Datasheet
538Kb / 24P
4-Bit constant current for power-LED, LED sink driver
26-Oct-2006
STP04CM596MTR STMICROELECTRONICS-STP04CM596MTR Datasheet
538Kb / 24P
4-Bit constant current for power-LED, LED sink driver
26-Oct-2006
STP04CM596XTTR STMICROELECTRONICS-STP04CM596XTTR Datasheet
538Kb / 24P
4-Bit constant current for power-LED, LED sink driver
26-Oct-2006
More results

Similar Description - STP04CM05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP04CM596 STMICROELECTRONICS-STP04CM596 Datasheet
538Kb / 24P
4-Bit constant current for power-LED, LED sink driver
26-Oct-2006
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
16-Bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com