Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM05 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP04CM05
Description  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05 Datasheet(HTML) 4 Page - STMicroelectronics

  STP04CM05 Datasheet HTML 1Page - STMicroelectronics STP04CM05 Datasheet HTML 2Page - STMicroelectronics STP04CM05 Datasheet HTML 3Page - STMicroelectronics STP04CM05 Datasheet HTML 4Page - STMicroelectronics STP04CM05 Datasheet HTML 5Page - STMicroelectronics STP04CM05 Datasheet HTML 6Page - STMicroelectronics STP04CM05 Datasheet HTML 7Page - STMicroelectronics STP04CM05 Datasheet HTML 8Page - STMicroelectronics STP04CM05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Pin settings
STP04CM05
4/24
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection
Note:
The Exposed-pad is electrically not connected
2.2
Pin description
TSSOP16 (exposed pad)
DIP-14 / SO-14
Table 2.
Pin description
DIP-14 and SO-14 pin N°
TSSOP16 pin N°
Symbol
Name and function
1
1, 2
GND
Ground terminal
2
3
SDI
Serial data input terminal
3
4
CLK
Clock input terminal
4
5
LE
Latch input terminal
5
6
OUT 0
Output terminal
6
7
OUT 1
Output terminal
7, 8
8, 9, 12
N.C.
Not connected
9
10
OUT 2
Output terminal
10
11
OUT 3
Output terminal
11
13
OE
Output enable input terminal
(active low)
12
14
SDO
Serial data out terminal
13
15
R-EXT
Constant current programming
14
16
VDD
5 V supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com