Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM05 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP04CM05
Description  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP04CM05 Datasheet HTML 12Page - STMicroelectronics STP04CM05 Datasheet HTML 13Page - STMicroelectronics STP04CM05 Datasheet HTML 14Page - STMicroelectronics STP04CM05 Datasheet HTML 15Page - STMicroelectronics STP04CM05 Datasheet HTML 16Page - STMicroelectronics STP04CM05 Datasheet HTML 17Page - STMicroelectronics STP04CM05 Datasheet HTML 18Page - STMicroelectronics STP04CM05 Datasheet HTML 19Page - STMicroelectronics STP04CM05 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Typical characteristics
STP04CM05
16/24
Figure 16.
Four power-LED typ. application circuit
Note:
VL will be determined by the VF of the LEDs
Figure 17.
Typical output waveform
Note:
Conditions: TA = 25 C ,VDD = 5 V ,VL = 5 V, Rext = 227 Ω, LED = Lumix LXHL TW01
0.3 to 1.4V
3.3 to 5V
f = 0 to 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com