Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM05 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STP04CM05
Description  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STP04CM05 Datasheet HTML 11Page - STMicroelectronics STP04CM05 Datasheet HTML 12Page - STMicroelectronics STP04CM05 Datasheet HTML 13Page - STMicroelectronics STP04CM05 Datasheet HTML 14Page - STMicroelectronics STP04CM05 Datasheet HTML 15Page - STMicroelectronics STP04CM05 Datasheet HTML 16Page - STMicroelectronics STP04CM05 Datasheet HTML 17Page - STMicroelectronics STP04CM05 Datasheet HTML 18Page - STMicroelectronics STP04CM05 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
STP04CM05
Typical characteristics
15/24
8
Typical characteristics
Figure 13.
Output current-REXT resistor Figure 14. Output current vs
dropout voltage
Figure 15.
Output current vs
± ∆I
OL(%)
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
300
400
500
600
Ouput Currnt (mA)
Temp. = 25°C
Vdd = 5.0V
Vdrop = from 0.3V to 1.2V
Iset = 50mA; 80mA; 100mA; 150mA; 350mA; 400mA;
0
200
400
600
800
1000
1200
1400
0
50 100 150 200 250 300 350 400 450
Iset (mA)
Avg @ 3.3V
Avg @ 5.0V
Temp. = 25°C
Vdd = 3.3V; 5.0V
0
200
400
600
800
1000
1200
1400
0
50 100 150 200 250 300 350 400 450
Iset (mA)
Avg @ 3.3V
Avg @ 5.0V
Temp. = 25°C
Vdd = 3.3V; 5.0V
1
10
100
1000
0
0.2
0.4
0.6
0.8
∆IoL %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com