Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPAC01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPAC01F2
Description  IPAD TM, RF detector for power amplifier control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPAC01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  STPAC01F2 Datasheet HTML 1Page - STMicroelectronics STPAC01F2 Datasheet HTML 2Page - STMicroelectronics STPAC01F2 Datasheet HTML 3Page - STMicroelectronics STPAC01F2 Datasheet HTML 4Page - STMicroelectronics STPAC01F2 Datasheet HTML 5Page - STMicroelectronics STPAC01F2 Datasheet HTML 6Page - STMicroelectronics STPAC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2008
Rev 2
1/7
7
STPAC01F2
IPAD™, RF detector for power amplifier control
Features
STPAC01F2 has two outputs
– one for the signal detection
– one for the temperature compensation
VDCout = 0.88 V at 0.85 GHz at 10 dBm
VDCout = 1.07 V at 1.85 GHz at 10 dBm
Vsupply = 5 V max
Lead-free package
Benefit
The use of IPAD technology allows the RF
front-end designer to save PCB area and to
drastically reduce parasitic inductances.
Applications
Target applications are cellular phones and PDA
using GSM, DCS, PCS, AMPS, TDMA, CDMA
and 800 MHz to 1900 MHz frequency ranges.
Description
The STPAC01F2 is an integrated RF detector for
the power control stage. It converts RF signal
coming from the coupler into a DC signal usable
by the digital stage. It is based on the use of two
similar diodes, one providing the signal detection
while the second one is used to provide
temperature information to a thermal
compensation stage. A biasing stage suppresses
the detection diode drop voltage effect.
Figure 1.
Pin layout (bump side)
Figure 2.
Functional diagram
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
(8 bumps)
Gnd1
RFin
Gnd1
Gnd1
Gnd2
Bias
DC
out
V
Temp
32
1
A
B
C
Coupler
GND2
GND1
VDCOut
STPAC01F2
RF input
VBIAS
Vtemp
Thermal
compensation
Low pass
filter
RF detector
www.st.com


Similar Part No. - STPAC01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
21-Oct-2004
More results

Similar Description - STPAC01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPAC01F1 STMICROELECTRONICS-STPAC01F1 Datasheet
87Kb / 6P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
Jan-2003
logo
Rohm
BH4126FV ROHM-BH4126FV Datasheet
102Kb / 10P
Wide band IF detector for RF remote control units
logo
STMicroelectronics
STPAC02F1 STMICROELECTRONICS-STPAC02F1 Datasheet
50Kb / 5P
RF DETECTOR FOR POWER AMPLIFIER CONTROL WITH INTERNAL TEMPERATURE COMPENSATION IPADTM
Oct-2003
STPAC01F2 STMICROELECTRONICS-STPAC01F2 Datasheet
66Kb / 7P
RF DETECTOR FOR POWER AMPLIFIER CONTROL
21-Oct-2004
logo
Integrated Circuit Syst...
ICS950218 ICST-ICS950218 Datasheet
137Kb / 19P
Programmable Timing Control Hub TM for P4 TM
logo
Motorola, Inc
MC3373 MOTOROLA-MC3373 Datasheet
74Kb / 1P
Remote Control Amplifier/Detector
logo
Maxim Integrated Produc...
MAX2204 MAXIM-MAX2204 Datasheet
150Kb / 7P
RF Power Detector
Rev 0; 4/07
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
RF Power Detector
Rev 0; 10/09
MAX2209A MAXIM-MAX2209A Datasheet
1Mb / 7P
RF Power Detector with Shutdown Control
Rev 0; 9/10
logo
AVAGO TECHNOLOGIES LIMI...
ADET-5000 AVAGO-ADET-5000 Datasheet
257Kb / 6P
RF Power Detector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com