Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPAC01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPAC01F2
Description  IPAD TM, RF detector for power amplifier control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPAC01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  STPAC01F2 Datasheet HTML 1Page - STMicroelectronics STPAC01F2 Datasheet HTML 2Page - STMicroelectronics STPAC01F2 Datasheet HTML 3Page - STMicroelectronics STPAC01F2 Datasheet HTML 4Page - STMicroelectronics STPAC01F2 Datasheet HTML 5Page - STMicroelectronics STPAC01F2 Datasheet HTML 6Page - STMicroelectronics STPAC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Application information
STPAC01F2
4/7
Figure 9.
Vtemp output voltage versus ambient temperature
2
Application information
Figure 10.
Application diagram
The STPAC01 is the first part of the power amplifier stage and provides both RF power and
die temperature measurements. Figure 10 shows the basic circuit of RF detector.
A coupler located on the line between RF amplifier output and the antenna takes a part of
the available power and applies it to STPAC01 RF input.
The RF detector and the low-pass filter provide a DC voltage depending on the input power.
Thermal compensation provides a DC voltage depending on the ambient temperature. As
the detection system and the thermal compensation are based on the same topology,
VDCout will have the same temperature variation as Vtemp. Connected to a differential
amplifier, the output will be a voltage directly linked to the RF input power. VDCout and
Vtemp must be biased with 50 µA DC current.
This topology offers the most accurate output value as it is 100% compensated.
1.88
1.9
1.92
1.94
1.96
1.98
0
1020
30
40
50
6070
Tamb (°C)
Vtemp
Ibias = 50µA
Coupler
GND2
Out
GND1
VDCOut
IDC = 50µA
IDC = 50µA
STPAC01F2
RF input
VBIAS
Vtemp
Thermal
compensation
Low pass
filter
RF detector
-
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com