Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPAC01F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPAC01F2
Description  IPAD TM, RF detector for power amplifier control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPAC01F2 Datasheet(HTML) 3 Page - STMicroelectronics

  STPAC01F2 Datasheet HTML 1Page - STMicroelectronics STPAC01F2 Datasheet HTML 2Page - STMicroelectronics STPAC01F2 Datasheet HTML 3Page - STMicroelectronics STPAC01F2 Datasheet HTML 4Page - STMicroelectronics STPAC01F2 Datasheet HTML 5Page - STMicroelectronics STPAC01F2 Datasheet HTML 6Page - STMicroelectronics STPAC01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPAC01F2
Characteristics
3/7
Figure 3.
VDCout measurement circuit
Figure 4.
VDCout versus RF input power
VDCOut
IDC
RF in
VBIAS
DC output
voltage
RF generator
Power
supply
Current
generator
STPAC
test board
Multimeter
0.8
1
1.2
1.4
1.6
1.8
2
-20
-15
-10
-5
0
5
10
Pin (dBm)
VDCout
850MHz
1850MHz
Tamb = 25°C
Ibias = 50µA
Vbias = 2.7V
Figure 5.
Relative variation of VDCout versus
frequency (from 800 to 900 MHz)
Figure 6.
Relative variation of VDCout versus
frequency (from 1800 to 1900 MHz)
0.9
0.95
1
1.05
800
825
850
875
900
Frequency in MHz
V
DCout (Freq.) / VDCOut (850MHz)
V
DCout (Freq.) / VDCOut (850MHz)
0.9
0.95
1
1.05
1800
1825
1850
1875
1900
Frequency in MHz
Figure 7.
Temperature effect measurement
circuit on VDCout
Figure 8.
Vtemp measurement circuit
VDCOut
IDC
RF in
VBIAS
DC output
voltage
RF generator
Power
supply
Current
generator
STPAC
test board
Multimeter
Climatic
chamber
Vtemp
IDC
VBIAS
Temp.
voltage
Power
supply
Current
generator
STPAC
test board
Multimeter
Climatic
chamber



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com