Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4511 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC4511
Description  BCD TO 7 SEGMENT LATCH/DECODER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4511 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC4511 Datasheet HTML 2Page - STMicroelectronics M74HC4511 Datasheet HTML 3Page - STMicroelectronics M74HC4511 Datasheet HTML 4Page - STMicroelectronics M74HC4511 Datasheet HTML 5Page - STMicroelectronics M74HC4511 Datasheet HTML 6Page - STMicroelectronics M74HC4511 Datasheet HTML 7Page - STMicroelectronics M74HC4511 Datasheet HTML 8Page - STMicroelectronics M74HC4511 Datasheet HTML 9Page - STMicroelectronics M74HC4511 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
M74HC4511
6/13
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
Output Transition
Time
2.0
25
60
75
90
ns
4.5
7
121518
6.0
6
11
13
15
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time (BCD - Seg.)
2.0
125
255
320
385
ns
4.5
33
51
64
77
6.0
23
43
54
65
tPLH tPHL Propagation Delay
Time (BI - Seg.)
2.0
70
175
220
265
ns
4.5
22
35
44
53
6.0
17
30
37
45
tPLH tPHL Propagation Delay
Time (LT - Seg.)
2.0
60
120
150
180
ns
4.5
15
24
30
36
6.0
12
20
26
31
tPLH tPHL Propagation Delay
Time (LE - Seg.)
2.0
95
240
300
360
ns
4.5
32
48
60
72
6.0
23
41
51
61
tW(L)
Minimum Pulse
Width
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
ts
Minimum Set Up
Time
2.0
20
75
95
110
ns
4.5
5
151922
6.0
4
131619
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
95
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com