Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4511
Description  BCD TO 7 SEGMENT LATCH/DECODER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4511 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4511 Datasheet HTML 1Page - STMicroelectronics M74HC4511 Datasheet HTML 2Page - STMicroelectronics M74HC4511 Datasheet HTML 3Page - STMicroelectronics M74HC4511 Datasheet HTML 4Page - STMicroelectronics M74HC4511 Datasheet HTML 5Page - STMicroelectronics M74HC4511 Datasheet HTML 6Page - STMicroelectronics M74HC4511 Datasheet HTML 7Page - STMicroelectronics M74HC4511 Datasheet HTML 8Page - STMicroelectronics M74HC4511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
August 2001
s
HIGH SPEED:
tPD= 23ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
HIGH SOURGE CURRENT :
|IOH| = 20 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4511
DESCRIPTION
The M74HC4511 is an high speed CMOS
BCD-TO-7
SEGMENT
LATCH/DECODER/
DRIVER fabricated with silicon gate
C2MOS
technology.
The segment output driver has large IOH capability
which enables common cathode leds to be directly
driven.
When lamp test (LT) is taken "L", all segment
outputs will go to "H", and when blanking (BI) is
taken "L" and LT is taken "H" all segment outputs
will go to "L".
These functions operate regardless of other inputs
and are used to test the display.
Input BI is used to pulse-modulate the brightness
of the display.
When an error input code (over 10) is applied to
the BCD input, all segment outputs will go "L" (turn
off).
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4511
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4511B1R
SOP
M74HC4511M1R
M74HC4511RM13TR
TSSOP
M74HC4511TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4511 STMICROELECTRONICS-M74HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
M74HC4511RM13TR STMICROELECTRONICS-M74HC4511RM13TR Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
More results

Similar Description - M74HC4511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com