Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4511 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4511
Description  BCD TO 7 SEGMENT LATCH/DECODER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4511 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4511 Datasheet HTML 1Page - STMicroelectronics M74HC4511 Datasheet HTML 2Page - STMicroelectronics M74HC4511 Datasheet HTML 3Page - STMicroelectronics M74HC4511 Datasheet HTML 4Page - STMicroelectronics M74HC4511 Datasheet HTML 5Page - STMicroelectronics M74HC4511 Datasheet HTML 6Page - STMicroelectronics M74HC4511 Datasheet HTML 7Page - STMicroelectronics M74HC4511 Datasheet HTML 8Page - STMicroelectronics M74HC4511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M74HC4511
2/13
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
3LT
Lamp Test Input (Active
LOW)
4BI
Ripple Blanking Input
(Active LOW)
5LE
Latch Enable Input
7, 1, 2, 6
A to D
BCD Address Inputs
13, 12, 11,
10, 9, 15, 14
a to g
Segment Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUT
OUTPUT
DISPLAY MODE
LE
BI
LT
DC
BA
a
b
c
d
e
f
g
X
X
L
X
X
X
XH
HH
HH
H
H
8
X
L
H
X
X
X
X
L
L
L
L
L
L
L
BLANK
L
H
HL
L
L
LH
H
H
H
H
HL
0
L
H
HL
L
L
HLH
HL
L
L
L
1
L
H
HL
LH
LH
H
L
H
HLH
2
L
H
H
L
L
H
HHH
HH
L
L
H
3
L
H
HL
HL
L
L
H
H
L
L
H
H
4
L
H
HL
HL
H
H
L
H
H
L
H
H
5
L
H
H
L
HH
L
L
L
HH
HHH
6
L
H
H
L
HH
HHH
L
L
L
L
L
7
L
HHH
L
L
L
H
H
H
H
HHH
8
L
HHH
L
L
HHH
H
L
L
H
H
9
L
H
H
H
L
H
X
L
L
L
L
L
L
L
BLANK
L
H
H
H
H
X
X
L
L
L
L
L
L
L
BLANK
L
L
L
X
X
X
X
Hold the stage at the leading edge of LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com