Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4511 Datasheet (PDF) - STMicroelectronics

M74HC4511 Datasheet PDF - STMicroelectronics
Part # M74HC4511
Download  M74HC4511 Download
File Size   423.07 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCD TO 7 SEGMENT LATCH/DECODER DRIVER

M74HC4511 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4511 Datasheet PDF - STMicroelectronics

Part # M74HC4511
Download  M74HC4511 Click to download

File Size   423.07 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCD TO 7 SEGMENT LATCH/DECODER DRIVER

M74HC4511 Datasheet (HTML) - STMicroelectronics


M74HC4511 Product details

DESCRIPTION
The M74HC4511 is an high speed CMOS BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER fabricated with silicon gate C2MOS technology.
The segment output driver has large IOH capability which enables common cathode leds to be directly driven.
   
■ HIGH SPEED:
    tPD= 23ns (TYP.) at VCC = 6V
■ LOW POWER DISSIPATION:
    ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28 % VCC (MIN.)
■ HIGH SOURGE CURRENT :
    |IOH| = 20 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE:
    VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 4511
   




Similar Part No. - M74HC4511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4511 STMICROELECTRONICS-M74HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
M74HC4511RM13TR STMICROELECTRONICS-M74HC4511RM13TR Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
More results


Similar Description - M74HC4511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com