Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349A Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2349A
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2349A Datasheet HTML 2Page - STMicroelectronics ST2349A Datasheet HTML 3Page - STMicroelectronics ST2349A Datasheet HTML 4Page - STMicroelectronics ST2349A Datasheet HTML 5Page - STMicroelectronics ST2349A Datasheet HTML 6Page - STMicroelectronics ST2349A Datasheet HTML 7Page - STMicroelectronics ST2349A Datasheet HTML 8Page - STMicroelectronics ST2349A Datasheet HTML 9Page - STMicroelectronics ST2349A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Device block diagrams
ST2349A
6/23
2
Device block diagrams
Figure 2.
ST2349A block diagram
Figure 3.
Application block diagram
= one-shot circuit
EN
I/O VL
I/O VCC
ST2349A
VL
VCC
GND
GND
OE
VL
* ST2349A has 4 channels. For simplicity, the above diagram shows only 1 channel.
* When OE is low, all I/Os are in high-impedance mode.
AM00709V1
VL
VCC
OE
I/OVL1
I/OVCC4
VL
system
controller
VCC
system
controller
VL
VL
VCC
0.1
μF
0.1 μF 1μF
I/OVL2
I/OVL3
I/OVL4
V L VL VL
I/OVCC1
I/OVCC2
I/OVCC3
VCC VCCVCC VCC
CD00023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com