Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349A Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2349A
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349A Datasheet(HTML) 3 Page - STMicroelectronics

  ST2349A Datasheet HTML 1Page - STMicroelectronics ST2349A Datasheet HTML 2Page - STMicroelectronics ST2349A Datasheet HTML 3Page - STMicroelectronics ST2349A Datasheet HTML 4Page - STMicroelectronics ST2349A Datasheet HTML 5Page - STMicroelectronics ST2349A Datasheet HTML 6Page - STMicroelectronics ST2349A Datasheet HTML 7Page - STMicroelectronics ST2349A Datasheet HTML 8Page - STMicroelectronics ST2349A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ST2349A
List of tables
3/23
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
ST2349A pin description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Table 3.
Truth table. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 4.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 5.
Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 6.
DC characteristics (over recommended operating conditions unless otherwise noted. All typ-
ical values are at TA = 25 °C)9
Table 7.
AC characteristics - test conditions: VL = 1.65 - 1.8 V (load CL =15pF; Rup =4.7 kΩ; driver
tr = tf
≤ 2 ns) over temperature range -40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 8.
AC characteristics - test conditions: VL = 2.5 - 2.7 V (load CL =15pF; Rup =4.7 kΩ; driver
tr = tf
≤ 2 ns) over temperature range -40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 9.
AC characteristics - test conditions: VL = 2.7 - 3.6 V (load CL =15pF; Rup =4.7 kΩ; driver
tr = tf
≤ 2 ns) over temperature range -40 °C to 85 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 10.
AC characteristics (test conditions: VL = 1.65 - 1.8 V (load CL =15pF; Rup =10kΩ; driver
tr = tf
≤ 2 ns) over temperature range -40 °C to 85 °C) . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 11.
AC characteristics (test conditions: VL = 2.5 - 2.7 V (load CL =15pF; Rup =10kΩ; driver
tr = tf
≤2 ns) over temperature range -40 °C to 85 °C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 12.
AC characteristics (test conditions: VL = 2.7 - 3.6 V (load CL =15pF; Rup =10kΩ; driver
tr = tf
≤ 2 ns) over temperature range -40 °C to 85 °C) . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 13.
Test circuit switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 14.
Waveform symbol value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 15.
QFN16L (2.6 x 1.8 mm) mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 16.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com