Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349A Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST2349A
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST2349A Datasheet HTML 10Page - STMicroelectronics ST2349A Datasheet HTML 11Page - STMicroelectronics ST2349A Datasheet HTML 12Page - STMicroelectronics ST2349A Datasheet HTML 13Page - STMicroelectronics ST2349A Datasheet HTML 14Page - STMicroelectronics ST2349A Datasheet HTML 15Page - STMicroelectronics ST2349A Datasheet HTML 16Page - STMicroelectronics ST2349A Datasheet HTML 17Page - STMicroelectronics ST2349A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Electrical characteristics
ST2349A
14/23
Symbol
Parameter
VCC =2.7
−3.6 V
VCC =4.3
−5.5 V
Unit
Min
Max
Min
Max
tPZL tPZH
tPLZ tPHZ
Output enable and
disable time
En
6
6
ns
Dis
40
40
ns
DR
Data rate(1)
45
45
MHz
1.
The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15% of the input I/O
signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle deviation not less than 30%.
Table 11.
AC characteristics (test conditions: VL =2.5 – 2.7 V (load CL =15pF; Rup =10kΩ; driver
tr =tf ≤2 ns) over temperature range -40 °C to 85 °C) (continued)
Table 12.
AC characteristics (test conditions: VL =2.7 – 3.6 V (load CL =15pF; Rup =10kΩ; driver
tr =tf ≤ 2 ns) over temperature range -40 °C to 85 °C)
Symbol
Parameter
VCC =4.3
−5.5 V
Unit
Min
Max
tRVCC
Rise time I/OVCC
5ns
tFVCC
Fall time I/OVCC
6ns
tRVL
Rise time I/OVL
4ns
tFVL
Fall time I/OVL
6ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
2.5
ns
tPHL
6ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
2
ns
ns
tPHL
6
ns
ns
tPZL tPZH
tPLZ tPHZ
Output enable and disable
time
En
6
ns
Dis
40
ns
DR
Data rate(1)
45
MHz
1.
The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15% of the input I/O
signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle deviation not less than 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com