Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349A Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2349A
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2349A Datasheet HTML 4Page - STMicroelectronics ST2349A Datasheet HTML 5Page - STMicroelectronics ST2349A Datasheet HTML 6Page - STMicroelectronics ST2349A Datasheet HTML 7Page - STMicroelectronics ST2349A Datasheet HTML 8Page - STMicroelectronics ST2349A Datasheet HTML 9Page - STMicroelectronics ST2349A Datasheet HTML 10Page - STMicroelectronics ST2349A Datasheet HTML 11Page - STMicroelectronics ST2349A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Maximum rating
ST2349A
8/23
4
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
4.1
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VL
Supply voltage
-0.3 to 4.6
V
VCC
Supply voltage
-0.3 to 6.5
V
VOE
DC control input voltage
-0.3 to 6.5
V
VI/OVL
DC I/OVL input voltage (OE = GND or VL)
-0.3 to VL + 0.3
V
VI/OVCC DC I/OVCC input voltage (OE = GND or VL)
-0.3 to VCC + 0.3
V
IIK
DC input diode current
-20
mA
II/OVL
DC output current
±25
mA
II/OVCC
DC output current
±258
mA
ISCTOUT Short circuit duration, continuous
40
mA
PD
Power dissipation(1)
1.
500mW: 65 oC derated to 300 mW by 10W/oC: 65 oC to 85 oC
500
mW
TSTG
Storage temperature
-65 to 150
oC
TL
Lead temperature (10 seconds)
300
oC
ESD
Electrostatic discharge protection (HBM)
±2
kV
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VL
Supply voltage
1.65
3.6
V
VCC
(1)
1.
VCC must be greater than VL.
Supply voltage
1.8
5.5
V
VOE
Input voltage
(OE output enable pin, VL power supply referred)
03.6
V
VI/OVL
I/OVL voltage
0
VL
V
VI/OVCC I/OVCC voltage
0
VCC
V
Top
Operating temperature
-40
85
oC
dt/dV
Input rise and fall time (for 90 Mbps operation)
0
1
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com