Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3235 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST4G3235
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST4G3235 Datasheet HTML 2Page - STMicroelectronics ST4G3235 Datasheet HTML 3Page - STMicroelectronics ST4G3235 Datasheet HTML 4Page - STMicroelectronics ST4G3235 Datasheet HTML 5Page - STMicroelectronics ST4G3235 Datasheet HTML 6Page - STMicroelectronics ST4G3235 Datasheet HTML 7Page - STMicroelectronics ST4G3235 Datasheet HTML 8Page - STMicroelectronics ST4G3235 Datasheet HTML 9Page - STMicroelectronics ST4G3235 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Maximum rating
ST4G3235
6/21
3.1
Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCCA
Supply voltage
1.4 to 3.6
V
VCCB
Supply voltage
1.4 to 3.6
V
VIB
Input voltage (B1, B2)
0 to VCCB
V
VIA
Input voltage (A3, A4)
0 to VCCA
V
VOB
Output voltage (B3, B4)
0 to VCCB
V
VOA
Output voltage (A1, A2)
0 to VCCA
V
Top
Operating temperature
-40 to 85
°C
dt/dv
Input rise and fall time (1)
1.
VI from 0.8V to 2.0V at VCC = 3.0V
VCCB = 3.0 to 3.6V
0 to 10
ns/V
VCCB = 2.3 to 2.7V
0 to 20
ns/V
VCCB = 1.4 to 1.95V
0 to 100
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com