Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3235 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST4G3235
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST4G3235 Datasheet HTML 6Page - STMicroelectronics ST4G3235 Datasheet HTML 7Page - STMicroelectronics ST4G3235 Datasheet HTML 8Page - STMicroelectronics ST4G3235 Datasheet HTML 9Page - STMicroelectronics ST4G3235 Datasheet HTML 10Page - STMicroelectronics ST4G3235 Datasheet HTML 11Page - STMicroelectronics ST4G3235 Datasheet HTML 12Page - STMicroelectronics ST4G3235 Datasheet HTML 13Page - STMicroelectronics ST4G3235 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
ST4G3235
10/21
IOFF
Power off
leakage
current
00
VIB=GND to
3.6V
VOA=GND to
3.6V
VIA=GND to
3.6V
VOB=GND to
3.6V
± 1.0
± 10
µA
ICCtB
Quiescent
supply
current
1.4 to
3.6V
1.4 to
3.6V
VIA =VCCA or
GND
VIB =VCCB or
GND
0.5
5
µA
∆I
CCtB
Maximum
quiescent
supply
current / Input
(Bn)
2.7
3.6
VIB =VCCB -
0.6V
VIB =VCCB or
GND
VIB =VCCA or
GND
0.75
mA
1.95
3.6
1.95
2.7
1.
VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Table 7. DC Specification for VCCB
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)(1)
VCCA
(V)(1)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com