Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3235 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST4G3235
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST4G3235 Datasheet HTML 7Page - STMicroelectronics ST4G3235 Datasheet HTML 8Page - STMicroelectronics ST4G3235 Datasheet HTML 9Page - STMicroelectronics ST4G3235 Datasheet HTML 10Page - STMicroelectronics ST4G3235 Datasheet HTML 11Page - STMicroelectronics ST4G3235 Datasheet HTML 12Page - STMicroelectronics ST4G3235 Datasheet HTML 13Page - STMicroelectronics ST4G3235 Datasheet HTML 14Page - STMicroelectronics ST4G3235 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ST4G3235
Electrical characteristics
11/21
Table 8. Dynamic switching characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VOLPA
Dynamic low level
Quiet An Output
1.4
1.8
CL = 30pF
VILB = 0V
VIHB = VCCB
0.2
V
1.4-1.8
2.5
0.25
1.8-2.5
3.3
0.35
VOLVA
Dynamic low level
Quiet An Output
1.4
1.8
-0.2
V
1.4-1.8
2.5
-0.25
1.8-2.5
3.3
-0.35
VOHVA
Dynamic high level
Quiet An Output
1.4
1.8
1.6
V
1.4-1.8
2.5
2.1
1.8-2.5
3.3
2.7
VOLPB
Dynamic low level
Quiet Bn Output
1.4
1.8-2.5
CL = 30pF
VILA = 0V
VIHA = VCCA
0.2
V
1.8
2.5-3.3
0.25
2.5
3.3
0.6
VOLVB
Dynamic low level
Quiet Bn Output
1.4
1.8-2.5
-0.2
V
1.8
2.5-3.3
-0.25
2.5
3.3
-0.36
VOHVB
Dynamic high level
Quiet Bn Output
1.4
1.8-2.5
1.2
V
1.8
2.5-3.3
1.4
2.5
3.3
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com