Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3235 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST4G3235
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST4G3235 Datasheet HTML 9Page - STMicroelectronics ST4G3235 Datasheet HTML 10Page - STMicroelectronics ST4G3235 Datasheet HTML 11Page - STMicroelectronics ST4G3235 Datasheet HTML 12Page - STMicroelectronics ST4G3235 Datasheet HTML 13Page - STMicroelectronics ST4G3235 Datasheet HTML 14Page - STMicroelectronics ST4G3235 Datasheet HTML 15Page - STMicroelectronics ST4G3235 Datasheet HTML 16Page - STMicroelectronics ST4G3235 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ST4G3235
Electrical characteristics
13/21
Note:
1
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated
from the operating current consumption without load. (Refer to Test Circuit). Average current
can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per circuit)
Table 10. Capacitance characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min. Typ. Max.
Min.
Max.
CIN
Input capacitance
open
open
6
pF
CO
Output capacitance
1.8-2.5 2.5-3.3
9
pF
CPD
Power dissipation capacitance
2.5
3.3
f=10MHz
50
pF
1.8
3.3
28
1.4
2.5
22
1.4
1.8
15
3.3
1.8
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com