Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV895 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV895
Description  Liquid Lens Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV895 Datasheet(HTML) 1 Page - Supertex, Inc

  HV895 Datasheet HTML 1Page - Supertex, Inc HV895 Datasheet HTML 2Page - Supertex, Inc HV895 Datasheet HTML 3Page - Supertex, Inc HV895 Datasheet HTML 4Page - Supertex, Inc HV895 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HV895
Features
Drives capacitive loads up to 200pF
Programmable drive amplitude (up to 60V
RMS)
On-chip boost converter
No external inductor
I2C interface
Low operating current (≤20mA)
Low standby current (≤1.0µA)
Controlled drive edge reduces EMI
1.0mm × 6.0mm flip-chip
Applications
Cell phone and PDA cameras
Bar code readers
Web and laptop cameras
Biometric scanners
Ultracompact cameras
►
►
►
►
►
►
►
►
►
►
►
►
►
►
Typical Application Circuit
Liquid Lens Driver
General Description
The HV895 is designed to drive liquid lenses of up to 200pF with
a 1.5kHz waveform at amplitudes up to 60V
RMS, controlled via an
I2C interface.
A single byte (AMP) written to the HV895 controls the operation of
the driver. Setting AMP = 01h to FFh controls output amplitude in
255 monotonic steps. Setting AMP = 00h causes the HV895 to go
into low power standby mode, consuming less than 1.0µA. When
active, the HV895 draws less than 20mA.
A charge pump boost converter integrated on-chip provides the
high voltage necessary for driving the lens. No external inductors
or diodes are needed. Two ceramic 0402 size capacitors are the
only external components required for a complete lens driver
circuit. The narrow die size and only 2 small external components
allow an entire lens driver circuit to be incorporated inside a
camera module.
An H-bridge output stage provides AC drive to the lens, allowing
the use of a single high voltage boost converter while providing
alternating polarity to the lens. Controlled rising and falling edges
on the drive waveform reduces EMI.
The HV895 is offered in a 1.0mm × 6.0mm lead-free solder-
bumped flip-chip.
VD
D
SDA
SCL
GND1
VIN1
HV
OUT1
OUT2
I2C bus
HV895
GND2
VIN2
CHV
4.7nF
100V
VDD
1.7 -2.95V
VIN
2.65 - 5.5V
CIN
2.2μF
6.3V
Liquid Lens
100 -200pF


Similar Part No. - HV895

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HV892 SIRECTIFIER-HV892 Datasheet
742Kb / 6P
Inductorless Liquid Lens Driver
logo
Supertex, Inc
HV892 SUTEX-HV892 Datasheet
487Kb / 6P
Inductorless Liquid Lens Driver
logo
Sirectifier Semiconduct...
HV892K7-G SIRECTIFIER-HV892K7-G Datasheet
742Kb / 6P
Inductorless Liquid Lens Driver
logo
Supertex, Inc
HV892K7-G SUTEX-HV892K7-G Datasheet
487Kb / 6P
Inductorless Liquid Lens Driver
HV892 SUTEX-HV892_14 Datasheet
487Kb / 6P
Inductorless Liquid Lens Driver
More results

Similar Description - HV895

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Sirectifier Semiconduct...
HV892 SIRECTIFIER-HV892 Datasheet
742Kb / 6P
Inductorless Liquid Lens Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Supertex, Inc
HV892 SUTEX-HV892_14 Datasheet
487Kb / 6P
Inductorless Liquid Lens Driver
logo
Maxim Integrated Produc...
MAX14515 MAXIM-MAX14515 Datasheet
208Kb / 14P
High-Voltage Liquid Lens Driver
Rev 0; 8/08
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com