Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV895 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV895
Description  Liquid Lens Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV895 Datasheet(HTML) 5 Page - Supertex, Inc

  HV895 Datasheet HTML 1Page - Supertex, Inc HV895 Datasheet HTML 2Page - Supertex, Inc HV895 Datasheet HTML 3Page - Supertex, Inc HV895 Datasheet HTML 4Page - Supertex, Inc HV895 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
HV895
Doc.# DSFP-HV895
NR031408
Die Dimensions
Bump
X
Y
Description
VIN1
353.4
5201.7
VIN1 supplies the DC-DC converter. VIN2 supplies the rest of the IC. They must be tied together. To
minimize conducted EMI, bypass with a 2.2µF ceramic capacitor to ground close to the IC.
VIN2
675.4
2424.6
VDD
12.7
2891.0
Externally supplied reference voltage for the I2C logic levels. Connect to the I2C bus supply.
GND1
353.4
4397.6
GND1 is the ground for the for the DC-DC converter, while GND2 is for the rest of the IC. Connect both
to system ground.
GND2
-14.8
1844.0
SCL
12.7
1594.0
Serial clock for the I2C interface. The HV895 is a Fast Mode device (f
SCL ≤ 400kHz).
SDA
12.7
2171.2
Serial data for the I2C interface. The HV895 is a write-only device, with a single 8-bit command byte
(AMP, see page 4).
HV
722.4
1006.6
High voltage DC output of the internal boost converter. Connect a 4.7nF, 100V ceramic capacitor to
ground close to the IC.
OUT1
666.3
0.0
Outputs of the H-bridge driver. The liquid lens connects between these two bumps. When disabled
(AMP = 00h), both of these outputs are held at ground.
OUT2
0
0
DUM1
3.9
5334.2
These bumps are for mechanical support only. Provide pads on the PCB for these solder bumps. No
electrical connections should be made to these bumps.
DUM2
702.9
5334.2
Bump Coordinates and Descriptions (XY coordinates reference center of bump and are in µm. Tolerance is ±15µm.)
Note:
All dimensions in µm
1000
+0
–75
SDA
GND2
GND1
SCL
OUT1
HV
OUT2
VIN2
VDD
100 ±25
500 ±25
124–137
VIN1
DUM1
DUM2
0
0
X
Y
6000
+0
–196
Orientation mark
this end, top side
Bottom View
Side View
442.8
143.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com