Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV895 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV895
Description  Liquid Lens Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV895 Datasheet(HTML) 3 Page - Supertex, Inc

  HV895 Datasheet HTML 1Page - Supertex, Inc HV895 Datasheet HTML 2Page - Supertex, Inc HV895 Datasheet HTML 3Page - Supertex, Inc HV895 Datasheet HTML 4Page - Supertex, Inc HV895 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
HV895
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
OUT(AC)
AC output voltage
-
9.0
55.0
0
9.6
59.7
-
10.0
62.7
V
RMS
AMP = 00h
AMP = 01h
AMP = FFh
V
OUT(DC)
DC output offset voltage
-2.0
0
+2.0
V
---
DNL
Differential non-linearity (guaran-
teed monotonic)
-0.5
-
+0.5
LSB
---
f
OUT
Output frequency
1.0
1.5
2.0
kHz
---
D
X
Transition time (fraction of period)
-
4.7
-
%
---
dV/dt
Output slope
-
4.7
-
V/μs
C
LOAD = 150pF, VIN = 3.8V
t
SU
Startup time to 90% amplitude1
-
-
20
ms
AMP = 00h → FFh, C
HV = 4.7nF
t
A
Amplitude response time1
--
5.0
ms
Over any 1-step AMP increment or
decrement (except 00h)
V
IL
Logic low input voltage
-
-
0.30
x V
DD
---
V
IH
Logic high input voltage
0.7
-
-
x V
DD
---
V
OL
Logic low output voltage
-
-
0.2
x V
DD
I
LOAD = 3.0mA
I
L
Logic low input current
-
-
10
μA
V
DD = 1.70 - 2.95V
I
H
Logic high input current
-
-
10
μA
V
DD = 1.70 - 2.95V
C
LI
Logic input capacitance
-
-
10
pF
V
DD = 1.70 - 2.95V, grounded or open
Notes:
1. Measured from the rising edge of the I2C acknowledge bit that terminates transmission of the AMP data byte.
Electrical Specifications (cont.)(Over recommended operating conditions @ 25OC unless otherwise specified)
Block Diagram and Typical Application
VIN1
DC/DC
SDA
SCL
Osc
H-bridge
driver
HV
enable
8
Host
Controller
VDIG
1.70 – 2.95V
VANA
2.65 – 5.50V
CHV
4.7nF
100V
CLENS
100 – 200pF
OUT1
OUT2
I2C bus
GND2
amp
CIN
2.2µF
6.3V
Control
VIN2
DAC
GND1
VDD
HV895



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com